Electronic Components Datasheet Search
  English  ▼

X  

TLV3603MDBVREP Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV3603MDBVREP
Description  TLV3603-EP Enhanced Product 325MHz High-Speed Comparator with 2.5ns Propagation Delay
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603MDBVREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV3603MDBVREP Datasheet HTML 12Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 13Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 14Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 15Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 16Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 17Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 18Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 19Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
7.1.1 Adjustable Hysteresis
As a result of a comparator’s high open loop gain, there is a small band of input differential voltage where the
output can toggle back and forth between “logic high” and “logic low” states ("Chatter"). This can cause design
challenges for inputs with slow rise and fall times or systems with excessive noise. These challenges can be
overcome by adding hysteresis to the comparator.
The TLV3603-EP has a LE/HYS pin that can be used to increase the internal hysteresis of the comparator. To
change the internal hysteresis of the comparator, connect a single resistor as shown in the adjusting hysteresis
figure between the LE/HYS pin and VEE. A curve of hysteresis versus resistance is provided below to provide
guidance in setting the desired amount of hysteresis.
OUT
+
VEE
VCC
LE/HYS
IN+
IN
-
Figure 7-1. Adjustable Hysteresis using External
Resistor
OUT
+
VEE
VCC
LE/HYS
IN+
IN
-
DAC
Figure 7-2. Adjustable Hysteresis using External
Voltage
RHYST (k)
0
200
400
600
800
1000
0
10
20
30
40
50
60
70
80
-55°C
-40°C
25°C
85°C
125°C
Figure 7-3. Hysteresis vs. RHYS at VCC = 5V
LE/HYST Voltage to VEE (V)
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
0
10
20
30
40
50
60
70
-55°C
-40°C
25°C
85°C
125°C
Figure 7-4. Hysteresis vs. VHYS at VCC = 5V
To provide dynamic hysteresis, an external 0.7V to 1.2V voltage, such as from a DAC, can be forced into the
LE/HYST pin, as shown in Figure 7-2 and Figure 7-4. The LE/HYST pin can be internally modeled as a 40k
resistor in series with a 1.25V source to VEE, so any driving circuitry must be able to sink up to 32uA. Note that
the output goes into latch when LE/HYST is ≤ 400mV, or go into shutdown when ≥ 1.25V.
TLV3603-EP
SNOSDK3 – SEPTEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV3603-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com