Electronic Components Datasheet Search
  English  ▼

X  

TLV3603MDBVREP Datasheet(PDF) 18 Page - Texas Instruments

Part # TLV3603MDBVREP
Description  TLV3603-EP Enhanced Product 325MHz High-Speed Comparator with 2.5ns Propagation Delay
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603MDBVREP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV3603MDBVREP Datasheet HTML 14Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 15Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 16Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 17Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 18Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 19Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 20Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 21Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
7.2 Typical Application
7.2.1 Implementing Adjustable Hysteresis
A comparator can produce “chatter” (multiple transitions) at the output when there are noise or signal variations
around the reference threshold; this causes the output to change states in rapid random successions as the
comparator input goes above and below the threshold of the reference. This usually occurs when the input signal
is moving very slowly across the switching threshold of the comparator. This problem can be prevented by using
the internal hysteresis feature of the TLV3603-EP.
The TLV3603-EP has a LE/HYS pin that allows for variable internal hysteresis depending on the resistor value
connected between the pin and VEE, where increasing the resistance decreases the hysteresis to a minimum
level.
7.2.1.1 Design Requirements
For this design, follow these design requirements.
Table 7-1. Design Parameters
PARAMETER
VALUE
Supply Voltage (VCC)
5V
VREF
2.5V
VHYS
30mV
Lower Threshold (VL)
2.485V
Upper Threshold (VH)
2.515V
7.2.1.2 Detailed Design Procedure
The hysteresis vs. resistance curve (Figure 8-2) is used as guidance to set the desired amount of hysteresis.
Figure 7-7. VHYST vs. RHYST at 5V curve
OUT
+
VEE
VCC
LE/HYS
IN+
IN-
150k
Figure 7-8. Setting the Hysteresis using a Resistor
using the TLV3603-EP
Figure 8-2 shows that for a 30mV hysteresis, a 150kΩ resistor must be placed from the LE/HYS pin to VEE, as
shown in Figure 7-8.
Also possible is to use an external voltage to dynamically program the VHYST. Please see the Adjustable
Hysteresis section for more details.
TLV3603-EP
SNOSDK3 – SEPTEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV3603-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com