Electronic Components Datasheet Search
  English  ▼

X  

TLV3603MDBVREP Datasheet(PDF) 19 Page - Texas Instruments

Part # TLV3603MDBVREP
Description  TLV3603-EP Enhanced Product 325MHz High-Speed Comparator with 2.5ns Propagation Delay
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603MDBVREP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV3603MDBVREP Datasheet HTML 15Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 16Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 17Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 18Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 19Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 20Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 21Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 22Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
7.2.1.3 Application Curve
VIN (V)
Figure 7-9. Hysteresis Transfer Curve using TLV3603-EP
7.2.2 Optical Receiver
The TLV3603-EP can be used in conjunction with a high speed amplifier such as the OPA830-EP to create an
optical receiver as shown in the figure below. The photodiode is connected to a bias voltage and is being driven
with a pulsed laser. The OPA830-EP takes the current conducting through the diode and translates the voltage
for the high speed comparator to detect. The comparator then outputs the proper output level according to the
threshold set (VREF).
+
TDC
V
BIAS
+
LE/HYST
TLV3603-EP
V
REF
OPA830-EP
Figure 7-10. Optical Receiver
7.2.3 Over-Current Latch Condition
When the design is required to detect a brief over-current condition, the latching feature of the TLV3603-EP can
be utilized. By latching the comparator output, the MCU does not miss the over-current occurrence. The circuit
below shows one way to implement the latching function.
When an over-current condition is detected by the TLV3603-EP, the output transitions high. The occurrence
of the output going high coupled with a logic high from the RESET signal from the MCU creates a logic low
signal at the output of the 2-channel NAND gate. This causees the output of the TLV3603-EP to be held in
a logic high state (latched), thus allowing the MCU to detect the fault condition regardless of how narrow the
over-current condition persists. The addition of the NAND gate also provides a means of clearing the latch state
of the comparator once the MCU is done processing the event. This is accomplished by the MCU passing a logic
www.ti.com
TLV3603-EP
SNOSDK3 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TLV3603-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com