Electronic Components Datasheet Search
  English  ▼

X  

TLV3603MDBVREP Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV3603MDBVREP
Description  TLV3603-EP Enhanced Product 325MHz High-Speed Comparator with 2.5ns Propagation Delay
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603MDBVREP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV3603MDBVREP Datasheet HTML 11Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 12Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 13Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 14Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 15Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 16Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 17Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 18Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
6.4.3 Known Startup Condition
The TLV3603-EP has a Power-on-Reset (POR) circuit which provides system designers a known start-up
condition for the output of the comparators. When the power supply (VCC) is ramping up or ramping down, the
POR circuit is active when VCC is below VPOR. When active, the POR circuit holds the output low at VEE. When
VCC is greater than or equal to VPOR as stated in Electrical Characteristics, the comparator output reflects the
state of the input pins.
Figure 6-1 shows how the TLV3603-EP output responds for VCC rising. The input is configured with a logic high
input to highlight the transition from the POR circuit control (logic low output) to a standard comparator operation
where the output reflects the input condition. Note how the output goes high when VCC reaches 2.1V.
Figure 6-1. Output for VCC Rising
www.ti.com
TLV3603-EP
SNOSDK3 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TLV3603-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com