Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 204 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 204 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 200Page - PMC-Sierra, Inc PM7344 Datasheet HTML 201Page - PMC-Sierra, Inc PM7344 Datasheet HTML 202Page - PMC-Sierra, Inc PM7344 Datasheet HTML 203Page - PMC-Sierra, Inc PM7344 Datasheet HTML 204Page - PMC-Sierra, Inc PM7344 Datasheet HTML 205Page - PMC-Sierra, Inc PM7344 Datasheet HTML 206Page - PMC-Sierra, Inc PM7344 Datasheet HTML 207Page - PMC-Sierra, Inc PM7344 Datasheet HTML 208Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
188
Registers 073H, 173H, 273H and 373H: RXCP Idle/Unassigned Cell Pattern:
H1 octet
Bit
Type
Function
Default
Bit 7
R/W
CP[7]
0
Bit 6
R/W
CP[6]
0
Bit 5
R/W
CP[5]
0
Bit 4
R/W
CP[4]
0
Bit 3
R/W
CP[3]
0
Bit 2
R/W
CP[2]
0
Bit 1
R/W
CP[1]
0
Bit 0
R/W
CP[0]
0
CP[7:0]:
The CP[7:0] bits contain the idle/unassigned cell header pattern to match in
the first octet (H1) of the received cell in conjunction with the H1 octet mask.
The BLOCK bit, in the RXCP Control Register, determines whether to block
or pass cells matching this pattern. This register should be set to 00H when
filtering the standard idle/unassigned cell pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com