Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 202 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 202 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 198Page - PMC-Sierra, Inc PM7344 Datasheet HTML 199Page - PMC-Sierra, Inc PM7344 Datasheet HTML 200Page - PMC-Sierra, Inc PM7344 Datasheet HTML 201Page - PMC-Sierra, Inc PM7344 Datasheet HTML 202Page - PMC-Sierra, Inc PM7344 Datasheet HTML 203Page - PMC-Sierra, Inc PM7344 Datasheet HTML 204Page - PMC-Sierra, Inc PM7344 Datasheet HTML 205Page - PMC-Sierra, Inc PM7344 Datasheet HTML 206Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
186
Registers 072H, 172H, 272H and 372H: RXCP Interrupt Enable/Status
Bit
Type
Function
Default
Bit 7
R/W
OOCDE
0
Bit 6
R/W
HCSE
0
Bit 5
R/W
FIFOE
0
Bit 4
R
OOCDI
X
Bit 3
R
UHCSI
X
Bit 2
R
Reserved
X
Bit 1
R
FOVRI
X
Bit 0
Unused
X
FOVRI:
The FOVRI bit is set to logic 1 when the receive FIFO has overrun. The
FOVRI bit position is set to logic 0 when this register is read.
Reserved:
This bit provides no useful functional information for S/UNI-MPH applications.
UHCSI:
The UHCSI bit is set to logic 1 when an uncorrectable header check
sequence (HCS) error is detected. The UHCSI bit position is set to logic 0
when this register is read.
OOCDI:
The OOCDI bit is set to logic 1 when an out of cell delineation (OOCD) defect
is detected or removed. The OOCD defect state is contained in the RXCP
Control Register. The OOCDI bit position is set to logic 0 when this register is
read.
FIFOE:
The FIFOE bit enables the generation of an interrupt a receive FIFO overrun,
or a change of cell alignment (COCA) is detected. When a logic 1 is written
to FIFOE, the interrupt generation is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com