Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 199 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 199 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 195Page - PMC-Sierra, Inc PM7344 Datasheet HTML 196Page - PMC-Sierra, Inc PM7344 Datasheet HTML 197Page - PMC-Sierra, Inc PM7344 Datasheet HTML 198Page - PMC-Sierra, Inc PM7344 Datasheet HTML 199Page - PMC-Sierra, Inc PM7344 Datasheet HTML 200Page - PMC-Sierra, Inc PM7344 Datasheet HTML 201Page - PMC-Sierra, Inc PM7344 Datasheet HTML 202Page - PMC-Sierra, Inc PM7344 Datasheet HTML 203Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
183
User-programmable Cell Pattern Registers, and their associated Cell Mask
Registers, are passed through the FIFO.
HCK:
The HCK bit controls a FIFO data path integrity check. The integrity check
consists of inserting either an alternating AAH/55H pattern, or a fixed 55H
pattern, in the HCS octet location as selected by the FIXPAT bit in the RXCP
Framing Control register. The AA/55H pattern alternates with each cell
written to the FIFO. An external device reading cells from the receive FIFO
verifies that either the alternating or the fixed pattern is present in the cell
stream. Any pattern discrepancy indicates a failure in the receive data path.
When a logic 1 is written to HCK, the data path integrity check is enabled,
and the HCS octet location is overwritten with the alternating pattern. When
a logic 0 is written to HCK, the received HCS value is passed unaltered
through the FIFO.
HCSADD:
The HCSADD bit enables the addition of the coset polynomial x6 + x4 + x2 + 1
to the received HCS octet before comparison with the calculated result as
required by the ATM Forum UNI specification. When a logic 1 is written to
HCSADD, the coset polynomial is added to the HCS. When a logic 0 is
written to HCSADD, the unmodified HCS value is compared with the
calculated result.
HCSDQDB:
The HCSDQDB bit controls the cell header octets included in the HCS
calculation. When a logic 1 is written to HCSDQDB, header octets two, three,
and four are used in the HCS calculation as required by the IEEE-802.6
DQDB specification. When a logic 0 is written to HCSDQDB, all four header
octets are used in the HCS calculation as required by the ATM Forum UNI
specification, and the ITU-T Recommendation I.432.
HCSPASS:
The HCSPASS bit enables cells containing HCS errors to be passed through
the receive FIFO. When a logic 1 is written to HCSPASS, cells containing
detectable HCS errors are written to the receive FIFO. When a logic 0 is
written to HCSPASS, cells containing detectable HCS errors are dropped.
Note that all cells are dropped while an out of cell delineation defect is
detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com