Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 195 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 195 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 191Page - PMC-Sierra, Inc PM7344 Datasheet HTML 192Page - PMC-Sierra, Inc PM7344 Datasheet HTML 193Page - PMC-Sierra, Inc PM7344 Datasheet HTML 194Page - PMC-Sierra, Inc PM7344 Datasheet HTML 195Page - PMC-Sierra, Inc PM7344 Datasheet HTML 196Page - PMC-Sierra, Inc PM7344 Datasheet HTML 197Page - PMC-Sierra, Inc PM7344 Datasheet HTML 198Page - PMC-Sierra, Inc PM7344 Datasheet HTML 199Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
179
Registers 06DH, 16DH, 26DH and 36DH: RXCP Receive Cell Count MSB
Bit
Type
Function
Default
Bit 7
R
RCELL[15]
X
Bit 6
R
RCELL[14]
X
Bit 5
R
RCELL[13]
X
Bit 4
R
RCELL[12]
X
Bit 3
R
RCELL[11]
X
Bit 2
R
RCELL[10]
X
Bit 1
R
RCELL[9]
X
Bit 0
R
RCELL[8]
X
RCELL[15:0]:
RCELL[15:0] represents the aggregate number of cells that have been written
to the receive FIFO since the last time the idle/unassigned cell counter was
polled. Note that this counter represents the number error-free (or error-
corrected), assigned cells that have been received when idle/unassigned cell
filtering and HCS error filtering are enabled. The counter (and all other
counters in the S/UNI-MPH) is polled by writing to the Global Monitoring
register (00CH). Such a write transfers the internally accumulated count to
the UICELL Cell Count Registers and simultaneously resets the internal
counter to begin a new cycle of error accumulation. The transfer in progress
(TIP) bit in register 00CH is polled to determine when the transfer is
complete. The CPPM counters in each quadrant can also be polled by
writing to any address from X60H to X6FH (where X is a value from 0 to 3).
Cells are not passed through the RXCP when an out of cell delineation defect
state is declared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com