Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 225 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 225 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 221Page - PMC-Sierra, Inc PM7344 Datasheet HTML 222Page - PMC-Sierra, Inc PM7344 Datasheet HTML 223Page - PMC-Sierra, Inc PM7344 Datasheet HTML 224Page - PMC-Sierra, Inc PM7344 Datasheet HTML 225Page - PMC-Sierra, Inc PM7344 Datasheet HTML 226Page - PMC-Sierra, Inc PM7344 Datasheet HTML 227Page - PMC-Sierra, Inc PM7344 Datasheet HTML 228Page - PMC-Sierra, Inc PM7344 Datasheet HTML 229Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
209
TFULL4:
The TFULL4 bit selects the amount of advance indication given on the
transmit cell available (TCA[x]) signal. When TFULL4 is logic 1, TCA[x] is
removed when the transmit FIFO is almost full and can accept no more than
four bytes before reaching the depth specified by the FIFODP[1:0] register
bits. When TFULL4 is logic 0, TCA[x] is removed when the current FIFO
access writes the last octet of a cell which fills the FIFO to the specified depth
FIFOE:
The FIFOE bit enables the generation of an interrupt when a transmit FIFO
overrun, or a change of cell alignment (COCA) is detected. When a logic 1 is
written to FIFOE, the interrupt generation is enabled.
HCKE:
The HCKE bit enables the generation of an interrupt when a FIFO datapath
integrity error is detected. When a logic 1 is written to HCKE, the interrupt
generation is enabled.
FIXPAT:
The FIXPAT bit selects the pattern used when FIFO data path integrity
checking is enabled. When FIXPAT is logic 1, the HCS octet placeholder
location is checked for the fixed 55H pattern. When FIXPAT is logic 0, the
HCS octet placeholder location is checked for an alternating AAH/55H pattern
which alternates with each cell written to the transmit FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com