Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 229 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 229 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 225Page - PMC-Sierra, Inc PM7344 Datasheet HTML 226Page - PMC-Sierra, Inc PM7344 Datasheet HTML 227Page - PMC-Sierra, Inc PM7344 Datasheet HTML 228Page - PMC-Sierra, Inc PM7344 Datasheet HTML 229Page - PMC-Sierra, Inc PM7344 Datasheet HTML 230Page - PMC-Sierra, Inc PM7344 Datasheet HTML 231Page - PMC-Sierra, Inc PM7344 Datasheet HTML 232Page - PMC-Sierra, Inc PM7344 Datasheet HTML 233Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
213
Registers 08DH, 18DH, 28DH and 38DH: TXCP Idle/Unassigned Cell Pattern:
H4 octet
Bit
Type
Function
Default
Bit 7
R/W
H4[7]
0
Bit 6
R/W
H4[6]
0
Bit 5
R/W
H4[5]
0
Bit 4
R/W
H4[4]
0
Bit 3
R/W
H4[3]
0
Bit 2
R/W
H4[2]
0
Bit 1
R/W
H4[1]
0
Bit 0
R/W
H4[0]
0
H4[7:0]:
The H4[7:0] bits contain the cell header pattern inserted in the fourth octet
(H4) of the idle/unassigned cell. Idle/unassigned cells are inserted when the
S/UNI-MPH detects that the transmit FIFO contains no outstanding cells.
H4[7] is the most significant bit and is the first bit transmitted. H4[0] is the
least significant bit. By default, unassigned cells are transmitted. This
register should be set to 01H to transmit idle cells.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com