Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 232 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 232 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 228Page - PMC-Sierra, Inc PM7344 Datasheet HTML 229Page - PMC-Sierra, Inc PM7344 Datasheet HTML 230Page - PMC-Sierra, Inc PM7344 Datasheet HTML 231Page - PMC-Sierra, Inc PM7344 Datasheet HTML 232Page - PMC-Sierra, Inc PM7344 Datasheet HTML 233Page - PMC-Sierra, Inc PM7344 Datasheet HTML 234Page - PMC-Sierra, Inc PM7344 Datasheet HTML 235Page - PMC-Sierra, Inc PM7344 Datasheet HTML 236Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
216
12
TEST FEATURES DESCRIPTION
Simultaneously asserting the CSB, RDB and WRB inputs causes all output pins
and the data bus to be held in a high-impedance state. This test feature may be
used for board testing.
Test mode registers are used to apply test vectors during production testing of
the S/UNI-MPH. Test mode registers (as opposed to normal mode registers) are
mapped into addresses 400H-7FFH.
Test mode registers may also be used for board testing. When all of the
constituent Telecom System Blocks within the S/UNI-MPH are placed in test
mode 0, device inputs may be read and device outputs may be forced via the
microprocessor interface (refer to the section "Test Mode 0" for details).
Notes on Test Mode Register Bits:
1. Writing values into unused register bits has no effect. Reading unused bits
can produce either a logic 1 or a logic 0; hence unused register bits should be
masked off by software when read.
2. Writeable test mode register bits are not initialized upon reset unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com