Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 237 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 237 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 233Page - PMC-Sierra, Inc PM7344 Datasheet HTML 234Page - PMC-Sierra, Inc PM7344 Datasheet HTML 235Page - PMC-Sierra, Inc PM7344 Datasheet HTML 236Page - PMC-Sierra, Inc PM7344 Datasheet HTML 237Page - PMC-Sierra, Inc PM7344 Datasheet HTML 238Page - PMC-Sierra, Inc PM7344 Datasheet HTML 239Page - PMC-Sierra, Inc PM7344 Datasheet HTML 240Page - PMC-Sierra, Inc PM7344 Datasheet HTML 241Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
221
Address
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
588H
TCA[2]
610H
INT1
618H
INT1
TCLKO[3]3
TDN[3]
TDP[3]
634H
TDLCLK[3]4
TDLSIG[3]
638H
RDLCLK[3]
RDLSIG[3]
640H
TDLCLK[3]5
644H
TDLCLK[3]6
688H
TCA[3]
710H
INT1
718H
INT1
TCLKO[4]3
TDN[4]
TDP[4]
734H
TDLCLK[4]4
TDLSIG[4]
738H
RDLCLK[4]
RDLSIG[4]
740H
TDLCLK[4]5
744H
TDLCLK[4]6
788H
TCA[4]
Notes:
1. Setting any of the INT bits high will force INTB low.
2. So long as MODE[1] in the Recieve Configuration Register is not set.
3. So long as OCLKSEL=0, FIFOBYP=0, and MODE[1]=0 in the Transmit
Configuration. (this is the default)
4. So long as TXDMASIG is set.
5. If TXDMASIG is cleared and MODE[1:0] = 00 in the Transmit Configuration
Register (this is the default)
6. If TXDMASIG is cleared, MODE[1:0] = 01 in the Transmit Configuration
Register, and SIGEN = 0 and DLEN =1 in the E1-TRAN Configuration
Register.
7. If MPHEN = 1, the value written to this bit will appear on TCAMPH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com