Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 241 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 241 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 237Page - PMC-Sierra, Inc PM7344 Datasheet HTML 238Page - PMC-Sierra, Inc PM7344 Datasheet HTML 239Page - PMC-Sierra, Inc PM7344 Datasheet HTML 240Page - PMC-Sierra, Inc PM7344 Datasheet HTML 241Page - PMC-Sierra, Inc PM7344 Datasheet HTML 242Page - PMC-Sierra, Inc PM7344 Datasheet HTML 243Page - PMC-Sierra, Inc PM7344 Datasheet HTML 244Page - PMC-Sierra, Inc PM7344 Datasheet HTML 245Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
225
13
FUNCTIONAL TIMING
Figure 18
- Arbitrary Rate Transmit Interface
TDN/TOHO[x]
TFPI/TOHI
TCLKI
TDP/TDD[x]
TCLKO
BITN BITN+1 BITN+2 BITN+3 BITN+4
ATM Cell Data
TSOH TSOH
Overhead
BITN+5 BITN+6 BITN+7
ATM Cell Data
The S/UNI-MPH is configured to select the arbitrary transmit interface. TOHO
marks the location of the transmission system overhead placeholder bits (TSOH)
in the TDD stream. The delay between TOHI and TOHO is fixed to be 2.5 clock
periods starting at the rising TCLKI edge where TOHI is sampled and finishing at
the falling TCLKO[x] edge where TOHO[x] is generated. It should be noted that
the outputs are clocked out on TCLKO[x] which is a flow-through version of
TCLKI and which could be significantly delayed from TCLKI. The active polarity
(here shown as active high) of the TOHI and TOHO signals can be inverted using
the TOHINV and TDNINV bits in the Transmit Interface Configuration register.
The active edge that is used to sample TFPI (here shown as the rising edge) as
well as update TOHO[x] and TDD[x] can be inverted using the TFALL and TRISE
bits in the Transmit Interface Configuration register. The octet alignment of the
bit position labeled "BITM+1" in the timing diagram is controlled by the TOCTA bit
in the Transmit Interface Configuration register.
Figure 19
- Arbitrary Rate Receive Interface
RCLKI[x]
RDN/ROH[x]
RDP/RDD[x]
BITN BITN+1 BITN+2 BITN+3
ATM Cell Data
Overhead
TSOH TSOH
ATM Cell Data
BITN+4 BITN+5 BITN+6 BITN+7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com