Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 245 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 245 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 241Page - PMC-Sierra, Inc PM7344 Datasheet HTML 242Page - PMC-Sierra, Inc PM7344 Datasheet HTML 243Page - PMC-Sierra, Inc PM7344 Datasheet HTML 244Page - PMC-Sierra, Inc PM7344 Datasheet HTML 245Page - PMC-Sierra, Inc PM7344 Datasheet HTML 246Page - PMC-Sierra, Inc PM7344 Datasheet HTML 247Page - PMC-Sierra, Inc PM7344 Datasheet HTML 248Page - PMC-Sierra, Inc PM7344 Datasheet HTML 249Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
229
The S/UNI-MPH is configured for multi-PHY addressing (MPHEN = 1). The
TCAMPH output is updated with the transmit cell available status of the PHY
selected by the TWA[1:0] inputs in the previous cycle. TWA[1:0] is latched while
TWRMPHB is high. On the high to low transition of TWRMPHB, the PHY
selected by the latched address (in this case PHY #1, TWA[1:0] = 0H) begins to
accept its 53 octet cell. During this transfer, the three remaining cell available
signals (from PHY #2, #3, and #4) can be polled as required. The cell available
status of PHY #1 indicates that a cell is available while the cell transfer is in
progress. In the diagram above, at the end of the cell transfer from PHY #1,
PHY #4 (TWA[1:0] = 3H) has a cell available. TWRMPHB is brought high for
one clock cycle to latch the new address. TWRMPHB is then brought low and
the cell transfer to PHY #4 proceeds.
Figure 25
- Multi-PHY Addressing Receive Cell Interface (MPHEN = 1)
0
1
0
1
H1
2
1
H2
• • •
• • •
• • •
• • •
• • •
• • •
P4 6
P47
P4 8
2
3
3
H1
H2
0
0
1
• • •
RRA[ 1:0]
RFCLK
RCAMPH
RSOC
RXPRTY
RRDMPHB
RDAT[ 7 :0 ]
The S/UNI-MPH is configured for multi-PHY addressing (MPHEN = 1). The
RCAMPH output is updated with the receive cell available status of the PHY
selected by the RRA[1:0] inputs in the previous cycle. RRA[1:0] is latched while
RRDMPHB is high. On the high to low transition of RRDMPHB, the PHY
selected by the latched address (in this case PHY #1, RRA[1:0] = 0H) begins
outputting its 53 octet cell. During this transfer, the three remaining cell available
signals (from PHY #2, #3, and #4) can be polled as required. The cell available
status of PHY #1 indicates that a cell is available while the cell transfer is in
progress. In the diagram above, at the end of the cell transfer from PHY #1,
PHY #4 (RRA[1:0] = 3H) has a cell available. RRDMPHB is brought high for one
clock cycle to latch the new address and to avoid contention on the tristateable
signals. RRDMPHB is then brought low and the cell transfer from PHY #4
proceeds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com