Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 248 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 248 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 244Page - PMC-Sierra, Inc PM7344 Datasheet HTML 245Page - PMC-Sierra, Inc PM7344 Datasheet HTML 246Page - PMC-Sierra, Inc PM7344 Datasheet HTML 247Page - PMC-Sierra, Inc PM7344 Datasheet HTML 248Page - PMC-Sierra, Inc PM7344 Datasheet HTML 249Page - PMC-Sierra, Inc PM7344 Datasheet HTML 250Page - PMC-Sierra, Inc PM7344 Datasheet HTML 251Page - PMC-Sierra, Inc PM7344 Datasheet HTML 252Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
232
Using the Internal FDL Receiver
On power up of the S/UNI-MPH, the RFDL should be disabled by setting the EN
bit in the RFDL Configuration Register to logic 0. The RFDL Interrupt
Control/Status Register should then be initialized to select the FIFO buffer fill
level at which an interrupt will be generated.
After the Interrupt Control/Status Register has been written to, the RFDL can be
enabled at any time by setting the EN bit in the RFDL Configuration Register to
logic 1. When the RFDL is enabled, it will assume that the link status is idle (all
ones) and immediately begin searching for flags. When the first flag is found, an
interrupt will be generated (if enabled), and the byte received before the first flag
was detected will be written into the FIFO buffer. Because the FLG and EOM
bits are passed through the buffer, this dummy write allows the RFDL Status
Register to accurately reflect the current state of the data link. A RFDL Status
Register read after a RFDL Data Register read of the dummy byte will return
EOM as logic 1 and FLG as logic 1. The first interrupt and data byte read after
the RFDL is enabled (or TR bit set to logic 1) is an indication of the link status,
and the data byte should therefore be discarded. It is up to the controlling
processor to keep track of the link state as idle (all ones or bit-oriented
messages active) or active (flags received).
The RFDL can be used in a polled, interrupt driven, or DMA controlled mode for
the transfer of frame data.
Polled Mode
In the polled mode, the RDLINT[x] and RDLEOM[x] outputs of the RFDL are not
used, and the processor controlling the RFDL must periodically read the RFDL
Interrupt/Status to determine when to read the RFDL Receive Data Register. If
the RFDL data transfer is operating in the polled mode, entry to the service
routine is from a timer. The processor service routine should process the data in
the following order:
1. Poll the INT bit in the RFDL Interrupt/Status Register until it is set to logic 1.
Once INT is set to logic 1, then proceed to step 2.
2. Read the RFDL Receive Data Register.
3. Read the RFDL Status Register to check for the following:
a) If OVR=1, then discard the current frame and go to step 1.
ELSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com