Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 250 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 250 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 246Page - PMC-Sierra, Inc PM7344 Datasheet HTML 247Page - PMC-Sierra, Inc PM7344 Datasheet HTML 248Page - PMC-Sierra, Inc PM7344 Datasheet HTML 249Page - PMC-Sierra, Inc PM7344 Datasheet HTML 250Page - PMC-Sierra, Inc PM7344 Datasheet HTML 251Page - PMC-Sierra, Inc PM7344 Datasheet HTML 252Page - PMC-Sierra, Inc PM7344 Datasheet HTML 253Page - PMC-Sierra, Inc PM7344 Datasheet HTML 254Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
234
c) If FLG=1 and the link state was inactive, then set the link state to active,
discard the last data byte, and go to step 1.
ELSE
d) Save the last data byte read.
e) If EOM=1, then read the CRC and NVB[2:0] bits of the RFDL Status
Register to process the frame properly.
f) If FE=0, then go to step 2, else go to step 1.
DMA-Controlled Mode
The RFDL can also be used with a DMA controller to process the frame data. In
the DMA controlled mode, the RDLINT[x] output of the RFDL is used as a DMA
request input to the DMA controller, and the RDLEOM[x] output is used as an
interrupt to the processor to allow handling of exceptions and as an indication of
when to process a frame. The RXDMASIG bit of the Datalink Options Register
should be set to logic 1.
The RDLINT[x] output of the RFDL is connected through a gate to the DMA
request input of the DMA controller to optionally inhibit the DMA request if the
RDLEOM[x] output is high. The DMA controller reads the data bytes from the
RFDL whenever the RDLINT[x] output is high. When the current byte read from
the RFDL Receive Data Register is the last byte in a frame (due to an end-of-
message or an abort), or an overrun condition occurs, then the RDLEOM[x]
output goes high. The DMA controller is inhibited from reading any more bytes,
and the processor is interrupted. The processor can then halt the DMA
controller, read the RFDL Status Register, process the frame, and finally reset
the DMA controller to process the data for the next frame. The RDLEOM[x]
output can optionally be enabled to generate a processor interrupt through the
common INTB output via the RDLEOME bit in the Datalink Options register,
rather than tying the RDLEOM[x] output directly to the microprocessor. This
allows a central microprocessor controlling the S/UNI-MPH operation to also
respond to conditions affecting the DMA servicing of RFDL. When using the
INTB output, the central processor must poll the Source Selection/Interrupt ID,
Interrupt Source #1 and Interrupt Source #2 Registers to identify the source of
the interrupt before beginning any interrupt service routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com