Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 253 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 253 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 249Page - PMC-Sierra, Inc PM7344 Datasheet HTML 250Page - PMC-Sierra, Inc PM7344 Datasheet HTML 251Page - PMC-Sierra, Inc PM7344 Datasheet HTML 252Page - PMC-Sierra, Inc PM7344 Datasheet HTML 253Page - PMC-Sierra, Inc PM7344 Datasheet HTML 254Page - PMC-Sierra, Inc PM7344 Datasheet HTML 255Page - PMC-Sierra, Inc PM7344 Datasheet HTML 256Page - PMC-Sierra, Inc PM7344 Datasheet HTML 257Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
237
After an abort, the RFDL state machine will be in the receiving all ones state, and
the data link status will be idle. When the first flag is detected, a new interrupt
will be generated, with a dummy data byte loaded into the FIFO buffer, to
indicate that the data link is now active.
Figure 28
- RFDL FIFO Overrun
Serial Data
extracted from
ESF FDL
RDLINT[x]
RDLEOM[x]
D[7:0]
Flag
D1
D2
D3
Dn R C1
C2 Flag D1
B1
B2 B3
D1
STATUSRD
D2
Dn-1
OVR
R Abort
This diagram shows the relationship between RFDL inputs and outputs for the
case where interrupts are programmed to occur when two data bytes are present
in the FIFO buffer. Each read is composed of two register reads, as described
above. In this example, data is not read by the end of B2. An overrun occurs
since unread data (Dn-3) has been overwritten by B1. This sets the RDLEOM[x]
output high, and resets both the RFDL and the FIFO buffer. The RFDL is held
disabled until the Status Register is read. The start flag sequence is not
detected since the RFDL is still held disabled when it occurs. Consequently, the
RFDL will ignore the entire frame including the abort sequence (since it has not
occurred in a valid frame or during flag reception, according to the RFDL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com