Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 252 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 252 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 248Page - PMC-Sierra, Inc PM7344 Datasheet HTML 249Page - PMC-Sierra, Inc PM7344 Datasheet HTML 250Page - PMC-Sierra, Inc PM7344 Datasheet HTML 251Page - PMC-Sierra, Inc PM7344 Datasheet HTML 252Page - PMC-Sierra, Inc PM7344 Datasheet HTML 253Page - PMC-Sierra, Inc PM7344 Datasheet HTML 254Page - PMC-Sierra, Inc PM7344 Datasheet HTML 255Page - PMC-Sierra, Inc PM7344 Datasheet HTML 256Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
236
Figure 27
- RFDL Normal Data and Abort Sequence
Serial Data
extracted from
ESF FDL
RDLINT[x]
RDLEOM[x]
D[7:0]
Flag D1
D2
D3
Dn RC1
C2 Flag D1
B1
B2 B3
D1
Dn-2
Dn-1
Dn
B1 B2 B3
D2
Dn-1
Dn-3
D1 B1
ABORT
EOM
EOM
B1
R Abort
This diagram shows the relationship between RFDL inputs and outputs for the
case where interrupts are programmed to occur when one byte is present in the
FIFO buffer. The RFDL is assumed to be operating in the interrupt driven mode.
Each read shown is composed of two register reads: first a read of the Data
Register, followed by a read of the Status Register. A read of the Data Register
sets the RDLINT[x] output to low if no more data exists in the FIFO buffer. The
status of the FE bit returned in the Status Register read will indicate the FIFO
buffer fill status as well. The Data Register read Dn-2 is shown to occur after two
bytes have been written into the buffer. The RDLINT[x] output does not go low
after the first Data Register read because a data byte still remains to be read.
The RDLINT[x] output goes low after Data Register read Dn-1. The FE bit will be
logic 0 in Status Register read Dn-2 and logic 1 in Status Register read Dn-1.
The RDLEOM[x] output goes high as soon as the last byte in the frame is read
from the Data Register. The RDLINT[x] output will go low if the FIFO buffer is
empty. The next Status Register read will return a value of logic 1 for the EOMR
and FLG bits, and cause the RDLEOM[x] output of the RFDL to return low.
In the next frame, the first data byte is received, and after a delay of ten bit
periods, it is written to the FIFO buffer, and read by the processor after the
interrupt. When the abort sequence is detected, the data received up to the
abort is written to the FIFO buffer and an interrupt generated. The processor
then reads the partial byte from the Data Register and the RDLEOM[x] output is
set high. The processor then reads the Status Register which will return a value
of logic 1 for the EOMR and FLG bits, and set the RDLEOM[x] output low. The
FIFO buffer is not cleared when an abort is detected. All bytes received up to the
abort are available to be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com