Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 255 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 255 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 251Page - PMC-Sierra, Inc PM7344 Datasheet HTML 252Page - PMC-Sierra, Inc PM7344 Datasheet HTML 253Page - PMC-Sierra, Inc PM7344 Datasheet HTML 254Page - PMC-Sierra, Inc PM7344 Datasheet HTML 255Page - PMC-Sierra, Inc PM7344 Datasheet HTML 256Page - PMC-Sierra, Inc PM7344 Datasheet HTML 257Page - PMC-Sierra, Inc PM7344 Datasheet HTML 258Page - PMC-Sierra, Inc PM7344 Datasheet HTML 259Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
239
Figure 30
- XFDL Underrun Sequence
Flag
D1
D2
Flag
D2
TDLINT[x]
D3
D1 D2
D3
TDLUDR[x]
D3
Abort
D1
UDR
D4
D1 D2
D[7:0]
INTE
INTE
INTE
Serial Data
inserted into
ESF FDL
This diagram shows the relationship between XFDL inputs and outputs in the
case of an underrun error. An underrun error occurs if the XFDL finishes
transmitting the current message byte before the processor writes the next byte
into the Transmit Data Register; that is, the processor fails to write data to the
XFDL in time. In this example, data is not written to the XFDL within five rising
clock edges after TDLINT[x] goes high at the beginning of the transmission of
byte D3. The TDLUDR[x] interrupt becomes active at this point, and an abort,
followed by a flag, is sent out on the data link. Meanwhile, the processor must
clear the TDLUDR[x] interrupt by setting the UDR bit in the Status Register to
logic 0. The TDLINT[x] interrupt should also be disabled at this time by setting
the INTE bit in the Configuration/Control Register to logic 0. The data frame can
then be restarted as usual, by setting the INTE bit logic to 1. Transmission of the
frame then proceeds normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com