Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 258 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 258 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 254Page - PMC-Sierra, Inc PM7344 Datasheet HTML 255Page - PMC-Sierra, Inc PM7344 Datasheet HTML 256Page - PMC-Sierra, Inc PM7344 Datasheet HTML 257Page - PMC-Sierra, Inc PM7344 Datasheet HTML 258Page - PMC-Sierra, Inc PM7344 Datasheet HTML 259Page - PMC-Sierra, Inc PM7344 Datasheet HTML 260Page - PMC-Sierra, Inc PM7344 Datasheet HTML 261Page - PMC-Sierra, Inc PM7344 Datasheet HTML 262Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
242
40UI. Phase wander between the two clock signals is compensated for by the
LIMIT control.
14.3
JTAG Support
The S/UNI-MPH supports the IEEE Boundary Scan Specification as described in
the IEEE 1149.1 standards. The Test Access Port (TAP) consists of the five
standard pins, TRSTB, TCK, TMS, TDI and TDO used to control the TAP
controller and the boundary scan registers. The TRSTB input is the active-low
reset signal used to reset the TAP controller. TCK is the test clock used to
sample data on input, TDI and to output data on output, TDO. The TMS input is
used to direct the TAP controller through its states. The basic boundary scan
architecture is shown below.
Figure 32
- Boundary Scan Architecture
Boundary Scan
Register
Control
TDI
TDO
Device Identification
Register
Bypass
Register
Instruction
Register
and
Decode
TRSTB
TMS
TCK
Test
Access
Port
Controller
Mux
DFF
Select
Tri-state Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com