Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 254 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 254 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 250Page - PMC-Sierra, Inc PM7344 Datasheet HTML 251Page - PMC-Sierra, Inc PM7344 Datasheet HTML 252Page - PMC-Sierra, Inc PM7344 Datasheet HTML 253Page - PMC-Sierra, Inc PM7344 Datasheet HTML 254Page - PMC-Sierra, Inc PM7344 Datasheet HTML 255Page - PMC-Sierra, Inc PM7344 Datasheet HTML 256Page - PMC-Sierra, Inc PM7344 Datasheet HTML 257Page - PMC-Sierra, Inc PM7344 Datasheet HTML 258Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
238
Figure 29
- XFDL Normal Data Sequence
Flag
D1
D2
Dn
CRC1 CRC2
Flag
D1
D1 D2
D3
D4
D2
D3
TDLINT[x]
D[7:0]
INTE
EOM
D1
INTE
INTE
Serial Data
inserted into
ESF FDL
This diagram shows the relationship between XFDL inputs and outputs for the
case where interrupts and CRC are enabled for regular data transmission. The
process is started by setting the INTE bit in the Configuration/Control Register to
logic 1, thus enabling the TDLINT[x] signal. When TDLINT[x] goes high, the
interrupt service routine is started, which writes the first byte (D1) of the data
frame to the Transmit Data Register. When this byte begins to be shifted out on
the data link, TDLINT[x] goes high. This restarts the interrupt service routine,
and the next data byte (D2) is written to the Transmit Data Register. When D2
begins to be shifted out on the data link, TDLINT[x] goes high again. This cycle
continues until the last data byte (Dn) of the frame is written to the Transmit Data
Register. When Dn begins to be shifted out on the data link, TDLINT[x] again
goes high. Since all the data has been sent, the interrupt service routine sets the
EOM bit in the Configuration/Control Register to logic 1. The TDLINT[x] interrupt
should also be disabled at this time by setting the INTE bit to logic 0. The XFDL
will then shift out the two-byte CRC word and closing flag, which ends the frame.
Whenever new data is ready, the TDLINT[x] signal can be re-enabled by setting
the INTE bit in the Configuration/Control Register to logic 1, and the cycle starts
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com