Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 256 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 256 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 252Page - PMC-Sierra, Inc PM7344 Datasheet HTML 253Page - PMC-Sierra, Inc PM7344 Datasheet HTML 254Page - PMC-Sierra, Inc PM7344 Datasheet HTML 255Page - PMC-Sierra, Inc PM7344 Datasheet HTML 256Page - PMC-Sierra, Inc PM7344 Datasheet HTML 257Page - PMC-Sierra, Inc PM7344 Datasheet HTML 258Page - PMC-Sierra, Inc PM7344 Datasheet HTML 259Page - PMC-Sierra, Inc PM7344 Datasheet HTML 260Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
240
14.1
Using the JT2F
Figure 31
- J2 Framer Example
JT2F
RP
RN
RCK
TP
TN
TCK
RX
TX
RSD
RSC
RTS
RCG
+5
TTS
TCG
TCOUT
TFOUT
XSD
XCK
XSF
TCIN
SER
6.312 MHz
TCLKI
TDD[x]
TOHI
PM7344
S/UNI-MPH
RDD[x]
RCLKI[x]
ROH[x]
TCLKO[x]
TOHO[x]
The JT2F J2 framer can be connected to the S/UNI-MPH as shown above. The
S/UNI-MPH is configured to select the J2 interface by setting the register bits
MODE[1] to logic 1 and MODE[0] to logic 0. The register bits TFALL, TOHINV,
TRISE, and TDNINV are all set to logic 1 so that TOHI is sampled on the falling
TCLKI edge, TOHI is active low, TDD[x] and TOHO[x] are updated on the rising
edge of TCLKO[x], and TOHO[x] is active low. The register bits RDNINV and
RFALL are set to logic 1 so that ROH[x] is active low and so RDD[x] and ROH[x]
are sampled on the falling edge of RCLKI[x].
Using the ROH and TOHI inputs from the JT2F, the S/UNI-MPH internally
generates additional J2 overhead signals which identify the J2 signalling and
framing bit positions. The S/UNI-MPH also generates the J2 multiframe output
on TOHO. Additional information on the J2 Transmit and Receive timing is
provided in the S/UNI-MPH Functional Timing section.
14.2
Using the Digital Jitter Attenuator
The key to using DJAT lies in selecting the appropriate divisors for the phase
comparison between the selected reference clock and the generated smooth
TCLKO[x].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com