Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 262 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 262 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 258Page - PMC-Sierra, Inc PM7344 Datasheet HTML 259Page - PMC-Sierra, Inc PM7344 Datasheet HTML 260Page - PMC-Sierra, Inc PM7344 Datasheet HTML 261Page - PMC-Sierra, Inc PM7344 Datasheet HTML 262Page - PMC-Sierra, Inc PM7344 Datasheet HTML 263Page - PMC-Sierra, Inc PM7344 Datasheet HTML 264Page - PMC-Sierra, Inc PM7344 Datasheet HTML 265Page - PMC-Sierra, Inc PM7344 Datasheet HTML 266Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
246
Update-IR
The update instruction register state is used to load a new instruction into the
instruction register. The new instruction must be scanned in using the Shift-IR
state. The load occurs on the falling edge of TCK.
The Pause-DR and Pause-IR states are provided to allow shifting through the
test data and/or instruction registers to be momentarily paused.
Boundary Scan Instructions
The following is an description of the standard instructions. Each instruction
selects an serial test data register path between input, TDI and output, TDO.
Table 5
- Instruction Register
Length - 3 bits
Instructions
Selected Register
Boundary Scan
Instruction Codes (IR[2:0])
EXTEST
000
IDCODE
Identification
001
SAMPLE
Boundary Scan
010
BYPASS
Bypass
011
BYPASS
Bypass
100
STCTEST
Boundary Scan
101
BYPASS
Bypass
110
BYPASS
Bypass
111
BYPASS
The bypass instruction shifts data from input, TDI to output, TDO with one TCK
clock period delay. The instruction is used to bypass the device.
EXTEST
The external test instruction allows testing of the interconnection to other
devices. When the current instruction is the EXTEST instruction, the boundary
scan register is place between input, TDI and output, TDO. Primary device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com