Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 249 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 249 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 245Page - PMC-Sierra, Inc PM7344 Datasheet HTML 246Page - PMC-Sierra, Inc PM7344 Datasheet HTML 247Page - PMC-Sierra, Inc PM7344 Datasheet HTML 248Page - PMC-Sierra, Inc PM7344 Datasheet HTML 249Page - PMC-Sierra, Inc PM7344 Datasheet HTML 250Page - PMC-Sierra, Inc PM7344 Datasheet HTML 251Page - PMC-Sierra, Inc PM7344 Datasheet HTML 252Page - PMC-Sierra, Inc PM7344 Datasheet HTML 253Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
233
b) If FLG=0 (i.e. an abort has been received) and the link state was active,
then set the link state to inactive, discard the current frame, and go to step 1.
c) If FLG=1 and the link state was inactive, then set the link state to active,
discard the last data byte, and go to step 1.
ELSE
d) Save the last data byte read.
e) If EOM=1, then read the CRC and NVB[2:0] bits of the RFDL Status
Register to process the frame properly.
f) If FE=0, then go to step 2, else go to step 1.
The link state is typically a local software variable. The link state is inactive if the
RFDL is receiving all ones or receiving bit-oriented codes which contain a
sequence of eight ones. The link state is active if the RFDL is receiving flags or
data.
Interrupt Mode
In the interrupt driven mode, the processor controlling the RFDL uses either the
RDLINT[x] output, or the main processor INTB output (RDLINTE bit of the
Datalink Options Register is set to logic 1) and the Source Selection/Interrupt ID,
Interrupt Source #1 and Interrupt Source #2 Registers, to determine when to
read the RFDL Receive Data Register. The RXDMASIG bit in the Datalink
Options Register should be set to logic 1. RDLINTE of the same register should
be set to logic 1 if the INTB output is used as the interrupt source. The
processor interrupt service routine should process the data in the following order:
1. Wait for an interrupt originating from the RFDL. Once the interrupt is set,
then proceed to step 2.
2. Read the RFDL Receive Data Register.
3. Read the RFDL Status Register to check for the following:
a) If OVR=1, then discard the current frame and go to step 1.
ELSE
b) If FLG=0 (i.e. an abort has been received) and the link state was active,
then set the link state to inactive, discard the current frame, and go to step 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com