Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 247 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 247 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 243Page - PMC-Sierra, Inc PM7344 Datasheet HTML 244Page - PMC-Sierra, Inc PM7344 Datasheet HTML 245Page - PMC-Sierra, Inc PM7344 Datasheet HTML 246Page - PMC-Sierra, Inc PM7344 Datasheet HTML 247Page - PMC-Sierra, Inc PM7344 Datasheet HTML 248Page - PMC-Sierra, Inc PM7344 Datasheet HTML 249Page - PMC-Sierra, Inc PM7344 Datasheet HTML 250Page - PMC-Sierra, Inc PM7344 Datasheet HTML 251Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
231
a) If there is still data to send, then write the next data byte to the XFDL
Transmit Data Register;
b) If all bytes in the frame have been sent, then set the EOM bit in the XFDL
Configuration Register to logic 1.
4. If EOM bit was set to logic 1 in step 3b, then:
a) Read the XFDL Interrupt Status Register and check the UDR bit.
b) If UDR=1 then reset the UDR bit in the XFDL Interrupt Status Register
and the EOM bit in the XFDL Configuration Register to logic 0, and retransmit
the last frame.
5. Go to step 1.
Interrupt Mode
In the case of interrupt driven data transfer, the TDLINT[x] output is connected to
the interrupt input of the processor, and the interrupt service routine should
process the data exactly as described above for the polled mode. The INTE bit
in the XFDL Configuration Register must be set to logic 1. Alternately, the INTB
output can be connected to the interrupt input of the processor if the TDLINTE bit
of the Datalink Options Register is set to logic 1. If this mode is used, additional
polling of the Source Selection/Interrupt ID, Interrupt Source #1 and Interrupt
Source #2 registers must be performed to identify the cause of the interrupt
before initiating the interrupt service routine.
DMA-Controlled Mode
The XFDL can also be used with a DMA controller to process the frame data. In
this case, the TDLUDR[x] output is connected to the processor interrupt input.
The TDLINT[x] output of the XFDL is connected to the DMA request input of the
DMA controller. The INTE bit in the XFDL Configuration Register must be set to
logic 1 before enabling the XFDL. The DMA controller writes a data byte to the
XFDL whenever the TDLINT[x] output is high. If there is a problem during
transmission and an underrun condition occurs, then the TDLUDR[x] output goes
high and the processor is interrupted. The processor can then halt the DMA
controller, reset the UDR bit in the XFDL Interrupt Status Register, reset the
frame data pointers, and restart the DMA controller to resend the data frame.
After the message transmission is completed, the DMA controller must initiate a
write to set the EOM bit in the XFDL Configuration Register and then verify that
TDLUDR[x] is not set prior to setting EOM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com