Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 244 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 244 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 240Page - PMC-Sierra, Inc PM7344 Datasheet HTML 241Page - PMC-Sierra, Inc PM7344 Datasheet HTML 242Page - PMC-Sierra, Inc PM7344 Datasheet HTML 243Page - PMC-Sierra, Inc PM7344 Datasheet HTML 244Page - PMC-Sierra, Inc PM7344 Datasheet HTML 245Page - PMC-Sierra, Inc PM7344 Datasheet HTML 246Page - PMC-Sierra, Inc PM7344 Datasheet HTML 247Page - PMC-Sierra, Inc PM7344 Datasheet HTML 248Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
228
The S/UNI-MPH is configured for direct PHY selection (MPHEN = 0). The
TCA[x] cell available indicators signal when a cell is available in the
corresponding PHY's transmit FIFO (shown with TFULL4 in the TXCP Interrupt
Enable / Status and Control Register set to logic 1). The TWRENB[x] input is
brought low to begin the cell transfer. Only one TWRENB[x] should be active
during a cell transfer.
Figure 23
- Direct-PHY Selection Receive Cell Interface (MPHEN = 0)
RDAT[7:0]
H2
H1
P48
P46
RCA[x]
RSOC
RXPRTY
P45
P44
P43
P47
RFCLK
RRDENB[x]
…
…
…
…
…
…
REMPTY4=1
X
The S/UNI-MPH is configured for direct PHY selection (MPHEN = 0). The
RCA[x] cell available indicators signal when a cell is available in the
corresponding PHY's receive FIFO. The RRDENB[x] input is brought low to
begin the cell transfer. Only one RRDENB[x] should be active during a cell
transfer.
Figure 24
- Multi-PHY Addressing Transmit Cell Interface (MPHEN = 1)
0
1
0
1
2
1
• • •
• • •
• • •
• • •
• • •
• • •
• • •
P46
P47
P48
2
H1
H2
H3
H1
H2
00
33
2
TWA[1:0]
TFCLK
TCAMPH
TSOC
TDAT[ 7:0]
TXPRTY
TWRMPHB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com