Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 242 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 242 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 238Page - PMC-Sierra, Inc PM7344 Datasheet HTML 239Page - PMC-Sierra, Inc PM7344 Datasheet HTML 240Page - PMC-Sierra, Inc PM7344 Datasheet HTML 241Page - PMC-Sierra, Inc PM7344 Datasheet HTML 242Page - PMC-Sierra, Inc PM7344 Datasheet HTML 243Page - PMC-Sierra, Inc PM7344 Datasheet HTML 244Page - PMC-Sierra, Inc PM7344 Datasheet HTML 245Page - PMC-Sierra, Inc PM7344 Datasheet HTML 246Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
226
The S/UNI-MPH is configured to select the arbitrary receive interface. ROHI
marks the location of the transmission system overhead bits (TSOH) in the RDD
stream. The active polarity (here shown as active high) of the ROHI signal can
be inverted using the RDNINV bit in the Receive Interface Configuration register.
The active edge that is used to sample RDD and ROHI (here shown as the rising
edge) can be inverted using the RFALL bit in the Receive Interface Configuration
register.
Figure 20
- J2 (6.312 Mbit/s) Transmit Interface
S/UNI-MPH
Outputs
"frame gen
bit count"
TCG
TTS
TCOUT
JT2F
Outputs
TDD[x]
TOHO[x]
TCLKO{x]
The S/UNI-MPH is configured to select the J2 transmit interface. The
connections between the S/UNI-MPH and the JT2F J2 framer should be made
as shown in the "OPERATIONS - Using the JT2F" section. The register bits
TFALL, TOHINV, TRISE, and TDNINV are all set to logic 1 so that TOHI is
sampled on the falling TCLKI edge, TOHI is active low, TDD[x] and TOHO[x] are
updated on the rising edge of TCLKO[x], and TOHO[x] is active low. TOHO[x]
goes low during the first frame alignment bit position in the transmitted data once
every J2 multiframe. The falling edge of TOHO[x] occurs approximately 1 clock
period after TTS gets sampled high (starting at the falling edge of TCOUT where
TTS is sampled high by the S/UNI-MPH and ending at the rising edge of
TCLKO[x] where TOHO[x] is generated). Note that with this configuration,
TCLKO[x] is a flow-through and inverted version of TCOUT whose phase delay
from TCOUT will be less than half a TCOUT period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com