Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 276 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 276 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 272Page - PMC-Sierra, Inc PM7344 Datasheet HTML 273Page - PMC-Sierra, Inc PM7344 Datasheet HTML 274Page - PMC-Sierra, Inc PM7344 Datasheet HTML 275Page - PMC-Sierra, Inc PM7344 Datasheet HTML 276Page - PMC-Sierra, Inc PM7344 Datasheet HTML 277Page - PMC-Sierra, Inc PM7344 Datasheet HTML 278Page - PMC-Sierra, Inc PM7344 Datasheet HTML 279Page - PMC-Sierra, Inc PM7344 Datasheet HTML 280Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
260
19
S/UNI-MPH I/O TIMING CHARACTERISTICS
TA= -40° to +85°C, VDD=5V ±10%
Table 8
- XCLK Input for Jitter Attenuation (Figure 40)
Symbol
Description
Min
Max
Units
tXCLK
XCLK Frequency (typically 37.056
MHz ± 100 ppm for T1 format or
49.152 MHz ± 50 ppm for E1
format)3
50
MHz
tDXCLK
XCLK Duty Cycle (at XCLK =
37.056 MHz for T1, 49.152 MHz for
E1)5
40
60
%
Figure 40
- XCLK Input Timing for Jitter Attenuation
XCLK
XCLK
1/t
Table 9
- TCLKI Input (Figure 41)
Symbol
Description
Min
Max
Units
tT1TCLKI
TCLKI Frequency for T13,4
(nominally 1.544 MHz ± 130 ppm)
1.545
MHz
tE1TCLKI
TCLKI Frequency for E13,4
(nominally 2.048 MHz ± 50 ppm)
2.049
MHz
tJ2TCLKI
TCLKI Frequency for J2 bit rate
format
7
MHz
tARTCLKI
TCLKI Frequency for arbitrary bit
rate format
25
MHz
tHTTCLKI
TCLKI High Duration (for T1
formats)6
165
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com