Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 187 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 187 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 183Page - PMC-Sierra, Inc PM7344 Datasheet HTML 184Page - PMC-Sierra, Inc PM7344 Datasheet HTML 185Page - PMC-Sierra, Inc PM7344 Datasheet HTML 186Page - PMC-Sierra, Inc PM7344 Datasheet HTML 187Page - PMC-Sierra, Inc PM7344 Datasheet HTML 188Page - PMC-Sierra, Inc PM7344 Datasheet HTML 189Page - PMC-Sierra, Inc PM7344 Datasheet HTML 190Page - PMC-Sierra, Inc PM7344 Datasheet HTML 191Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
171
PDV:
The PDV bit indicates the current state of the pulse density violation detector.
When PDV is a logic 1, a violation of the pulse density rule exists. When
PDV is a logic 0, no violation of the pulse density rule exists. Note: the PDV
indication persists for the duration of the pulse density violation. At its
minimum, PDV may be asserted for only 1 bit time, therefore, reading this bit
may not return a logic 1 even though a pulse density violation has occurred.
When the XPDE is enabled for pulse stuffing, PDV remains logic 0.
PDVI, Z16DI:
The PDVI and Z16DI bits identify the source of a generated interrupt. PDVI is
a logic 1 whenever a change in the pulse density violation indication
generated an interrupt. PDVI is cleared to 0 when this register is read.
Z16DI is a logic 1 whenever 16 consecutive zeros are detected. Z16DI is
cleared to 0 when this register is read. Note that the PDVI and Z16DI
interrupt indications operate regardless of whether the corresponding
interrupt enables are enabled or disabled. When STUFF is set to logic 1, the
PDVI and Z16DI bits are forced to logic 0.
Z16DE:
The Z16DE bit enables an interrupt to be generated on the INTB pin when
16 consecutive zeros are detected in the transmit T1 stream. When Z16DE
is set to logic 1, interrupt generation is enabled. When Z16DE is set to logic
0, interrupt generation is disabled.
PDVE:
The PDVE bit enables an interrupt to be generated on the INTB pin when a
change in the pulse density is detected. When PDVE is set to logic 1, an
interrupt is generated whenever a pulse density violation occurs or when the
pulse density ceases to exist (if STUFE is logic 0). When PDVE is set to
logic 0, interrupt generation by pulse density violations is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com