Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 186 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 186 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 182Page - PMC-Sierra, Inc PM7344 Datasheet HTML 183Page - PMC-Sierra, Inc PM7344 Datasheet HTML 184Page - PMC-Sierra, Inc PM7344 Datasheet HTML 185Page - PMC-Sierra, Inc PM7344 Datasheet HTML 186Page - PMC-Sierra, Inc PM7344 Datasheet HTML 187Page - PMC-Sierra, Inc PM7344 Datasheet HTML 188Page - PMC-Sierra, Inc PM7344 Datasheet HTML 189Page - PMC-Sierra, Inc PM7344 Datasheet HTML 190Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
170
Registers 059H, 159H, 259H and 359H: XPDE Interrupt Enable/Status
Bit
Type
Function
Default
Bit 7
R/W
STUFE
0
Bit 6
R/W
STUFF
0
Bit 5
R
STUFI
0
Bit 4
R
PDV
0
Bit 3
R
Z16DI
0
Bit 2
R
PDVI
0
Bit 1
R/W
Z16DE
0
Bit 0
R/W
PDVE
0
These registers are used to enforce a minimum pulse density in the transmit
stream when the T1 format is enabled.
STUFE:
The STUFE bit enables the occurrence of pulse stuffing to generate an
interrupt on INTB. When STUFE is set to logic 1, an interrupt is generated on
the occurrence of a bit stuff. When STUFE is a logic 0, bit stuffing
occurrences do not generate an interrupt on INTB.
STUFF:
The STUFF bit enables pulse stuffing to occur upon detection of a violation of
the pulse density rule. Bit stuffing is performed in such a way that the
resulting data stream no longer violates the pulse density rule. When STUFF
is set to logic 1, bit stuffing is enabled and the STUFI bit indicates the
occurrence of bit stuffs. When STUFF is a logic 0, bit stuffing is disabled and
the PDVI bit indicates an occurance of a pulse density violation. Also, when
STUFF is a logic 0, transmit data passes through XPDE unaltered.
STUFI:
The STUFI bit is valid when pulse stuffing is active. This bit indicates when a
bit stuff occurred to eliminate a pulse density violation. When pulse stuffing is
active, PDVI remains logic 0, indicating that the stuffing has removed the
density violation. The STUFI bit is reset to logic 0 once this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com