Electronic Components Datasheet Search
  English  ▼

X  

PM7364 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM7364
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7364 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM7364 Datasheet HTML 75Page - PMC-Sierra, Inc PM7364 Datasheet HTML 76Page - PMC-Sierra, Inc PM7364 Datasheet HTML 77Page - PMC-Sierra, Inc PM7364 Datasheet HTML 78Page - PMC-Sierra, Inc PM7364 Datasheet HTML 79Page - PMC-Sierra, Inc PM7364 Datasheet HTML 80Page - PMC-Sierra, Inc PM7364 Datasheet HTML 81Page - PMC-Sierra, Inc PM7364 Datasheet HTML 82Page - PMC-Sierra, Inc PM7364 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 325 page
background image
RELEASED
PM7364 FREEDM-32
DATA SHEET
PMC-1960758
ISSUE 6
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
65
Field
Description
Host TD Pointer [13:0] A copy of the Host Next TD Pointer field of the TD
currently being read, i.e. a pointer to the next TD in the
chain currently being read. (See Figure 14)
DMA Current
Address[31:0]
The DMA Current Address [31:0] bits hold the address
of the next dword in the current buffer. This field is
incremented on each access to the buffer.
V
Indicates if the linked list of packets for this channel
contains more than one host-linked chain (See Figure
14). If the V bit is set to logic 1, the list contains more
than one chain and the next and last TD pointer fields
are valid. If the V bit is set to logic 0, the list is either
empty or contains only one host-linked chain and the
next and last TD pointer fields are invalid.
Next TD Pointer [13:0] Offset to the head of the next host-linked chain of TDs
to be read. (See Figure 14)
Transmit Descriptor Linking
As described above, the TCDR table contains pointers which the TMAC uses to
construct linked lists of data packets to be transmitted. After the host places a
new TDR in the TDR Ready queue, the TMAC retrieves the TDR and links it to
the TD pointed at by the Last TD Pointer field. The TMAC may create up to 256
linked lists, viz. a high-priority list and a low-priority list for each DMA channel.
Whenever a new data packet is requested by the downstream block, the TMAC
picks a packet from the high-priority linked list unless it is empty, in which case, a
packet from the low-priority linked list is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com