Electronic Components Datasheet Search
  English  ▼

X  

PM7364 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM7364
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7364 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM7364 Datasheet HTML 85Page - PMC-Sierra, Inc PM7364 Datasheet HTML 86Page - PMC-Sierra, Inc PM7364 Datasheet HTML 87Page - PMC-Sierra, Inc PM7364 Datasheet HTML 88Page - PMC-Sierra, Inc PM7364 Datasheet HTML 89Page - PMC-Sierra, Inc PM7364 Datasheet HTML 90Page - PMC-Sierra, Inc PM7364 Datasheet HTML 91Page - PMC-Sierra, Inc PM7364 Datasheet HTML 92Page - PMC-Sierra, Inc PM7364 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 325 page
background image
RELEASED
PM7364 FREEDM-32
DATA SHEET
PMC-1960758
ISSUE 6
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
75
PCI Offset
Register
0x184 - 0x1FC
RCAS Link #1 to Link #31 Configuration
0x200
RHDL Indirect Channel Select
0x204
RHDL Indirect Channel Data Register #1
0x208
RHDL Indirect Channel Data Register #2
0x20C
RHDL Reserved
0x210
RHDL Indirect Block Select
0x214
RHDL Indirect Block Data Register
0x218
RHDL Reserved
0x21C
RHDL Reserved
0x220
RHDL Configuration
0x224
RHDL Maximum Packet Length
0x228 - 0x23C
RHDL Reserved
0x240 - 0x27C
Reserved
0x280
RMAC Control
0x284
RMAC Indirect Channel Provisioning
0x288
RMAC Packet Descriptor Table Base LSW
0x28C
RMAC Packet Descriptor Table Base MSW
0x290
RMAC Queue Base LSW
0x294
RMAC Queue Base MSW
0x298
RMAC Packet Descriptor Reference Large Buffer Free Queue
Start
0x29C
RMAC Packet Descriptor Reference Large Buffer Free Queue
Write
0x2A0
RMAC Packet Descriptor Reference Large Buffer Free Queue
Read
0x2A4
RMAC Packet Descriptor Reference Large Buffer Free Queue
End
0x2A8
RMAC Packet Descriptor Reference Small Buffer Free Queue
Start
0x2AC
RMAC Packet Descriptor Reference Small Buffer Free Queue
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com