Electronic Components Datasheet Search
  English  ▼

X  

PM7364 Datasheet(PDF) 16 Page - PMC-Sierra, Inc

Part # PM7364
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7364 Datasheet(HTML) 16 Page - PMC-Sierra, Inc

Back Button PM7364 Datasheet HTML 12Page - PMC-Sierra, Inc PM7364 Datasheet HTML 13Page - PMC-Sierra, Inc PM7364 Datasheet HTML 14Page - PMC-Sierra, Inc PM7364 Datasheet HTML 15Page - PMC-Sierra, Inc PM7364 Datasheet HTML 16Page - PMC-Sierra, Inc PM7364 Datasheet HTML 17Page - PMC-Sierra, Inc PM7364 Datasheet HTML 18Page - PMC-Sierra, Inc PM7364 Datasheet HTML 19Page - PMC-Sierra, Inc PM7364 Datasheet HTML 20Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 325 page
background image
RELEASED
PM7364 FREEDM-32
DATA SHEET
PMC-1960758
ISSUE 6
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
2
· Supports two levels of non-preemptive packet priority on each transmit
channel. Low priority packets will not begin transmission until all high priority
packets are transmitted.
· Alternatively, for each channel, the transmitter supports a transparent mode
where each octet is inserted transparently from host memory. For
channelised links, the octets are aligned with the transmit time-slots.
· Directly supports a 32-bit, 33 MHz PCI 2.1 interface for configuration,
monitoring and transfer of packet data, with an on-chip DMA controller with
scatter/gather capabilities.
· Provides 8 kbytes of on-chip memory for partial packet buffering in each
direction. This memory can be configured to support a variety of different
channel configurations from a single channel with 8 kbytes of buffering to 128
channels, each with a minimum of 48 bytes of buffering.
· Supports PCI burst sizes of up to 128 bytes for transfers of packet data.
· Pin compatible with PM7366 (FREEDM-8) device.
· Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board
test purposes.
· Supports 3.3 and 5 Volt PCI signaling environments.
· Low power CMOS technology.
· 256 pin enhanced ball grid array (SBGA) package (27 mm X 27 mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com