Electronic Components Datasheet Search
  English  ▼

X  

TS52001 Datasheet(PDF) 4 Page - Semtech Corporation

Part # TS52001
Description  High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS52001 Datasheet(HTML) 4 Page - Semtech Corporation

  TS52001 Datasheet HTML 1Page - Semtech Corporation TS52001 Datasheet HTML 2Page - Semtech Corporation TS52001 Datasheet HTML 3Page - Semtech Corporation TS52001 Datasheet HTML 4Page - Semtech Corporation TS52001 Datasheet HTML 5Page - Semtech Corporation TS52001 Datasheet HTML 6Page - Semtech Corporation TS52001 Datasheet HTML 7Page - Semtech Corporation TS52001 Datasheet HTML 8Page - Semtech Corporation TS52001 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TS52001
www.semtech.com
Page 4 of 22
Final Datasheet
Rev. 1.3
August 29, 2016
Semtech
Absolute Maximum Rating
Over operating free–air temperature range unless otherwise noted (1,2,3)
Parameter
Range
Unit
VIN, EN, nFLT, SCL, SDA, VTHERM, VTH_REF, VBAT, VSENSE
-0.3 to 8.8
V
SW
-1 to 8.8
V
VDD
-0.3 to 3.6
V
Operating Junction Temperature Range, TJ
-40 to 125
°C
Storage Temperature Range, TSTG
-65 to 150
°C
Electrostatic Discharge
– Human Body Model
±2k
V
Electrostatic Discharge
– Machine Model
+/-200
V
Lead Temperature (soldering, 10 seconds)
260
°C
Notes:
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only
(1):
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
All voltage values are with respect to network ground terminal.
(2):
ESD testing is performed according to the respective JESD22 JEDEC standard.
(3):
Thermal Characteristics
Symbol
Parameter
Value
Unit
θ
JA
Thermal Resistance Junction to Air (Note 1)
50
°C/W
Note
Assumes 4x4 QFN-16 in 1 in2 area of 2 oz copper and 25°C ambient temperature.
(1):
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VIN
Photovoltaic Input Operating Voltage
4
8.1
V
RSENSE
Sense Resistor
50
mΩ
LOUT
Output Filter Inductor Typical Value (Note 1)
4.7
µH
COUT
Output Filter Capacitor Typical Value (Note 2)
4.7
µF
COUT-ESR
Output Filter Capacitor ESR
100
mΩ
CIN
Input Supply Bypass Capacitor Value (Note 3)
3.3
10
µF
CVDD
VDD Supply Bypass Capacitor Value (Note 2)
70
100
130
nF
TA
Operating Free Air Temperature
-40
85
°C
TJ
Operating Junction Temperature
-40
125
°C
Notes:
For best performance, an inductor with a saturation current rating higher than the maximum VBAT load requirement plus the inductor
(1):
current ripple.
For best performance, a low ESR ceramic capacitor should be used.
(2):
For best performance, a low ESR ceramic capacitor should be used. If CIN is not a low ESR ceramic capacitor, a 0.1uF ceramic capacitor
(3):
should be added in parallel to CIN.
Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com