Electronic Components Datasheet Search
  English  ▼

X  

TS52001 Datasheet(PDF) 5 Page - Semtech Corporation

Part # TS52001
Description  High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS52001 Datasheet(HTML) 5 Page - Semtech Corporation

  TS52001 Datasheet HTML 1Page - Semtech Corporation TS52001 Datasheet HTML 2Page - Semtech Corporation TS52001 Datasheet HTML 3Page - Semtech Corporation TS52001 Datasheet HTML 4Page - Semtech Corporation TS52001 Datasheet HTML 5Page - Semtech Corporation TS52001 Datasheet HTML 6Page - Semtech Corporation TS52001 Datasheet HTML 7Page - Semtech Corporation TS52001 Datasheet HTML 8Page - Semtech Corporation TS52001 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TS52001
www.semtech.com
Page 5 of 22
Final Datasheet
Rev. 1.3
August 29, 2016
Semtech
Electrical Characteristics, TJ = -40C to 125C, VIN = 5.3V (unless otherwise noted)
Symbol
Parameter
Condition
Min Typ Max Unit
VIN Supply Voltage
VIN
Photovoltaic Voltage Input
4
8.1
V
ICC-NORM
Quiescent current Normal Mode
ILOAD= 0A, no switching
3
mA
ICC-DISABLE
Quiescent current Disable Mode
EN = 0V
10
50
µA
VBAT Leakage
IBAT-LEAK
Leakage Current From Batt
EN = 0V, VBAT = 4.1V
10
µA
IBAT-BACK
Reverse Current
VBAT > VIN, VBAT = 4.1V, Tj < 85C
10
µA
VIN Under-Voltage Lockout
VIN-UV
Input Supply Under-Voltage Threshold
VIN Increasing
3.15
V
VIN-UV_HYST Input Supply Under-Voltage Threshold Hysteresis
100
200
mV
OSC
FOSC
Oscillator Frequency
0.9
1
1.1
MHz
nFLT Open Drain Output
IOH-nFLT
High-Level Output Leakage
VnFLT = 5.3V
0.1
µA
VOL-nFLT
Low-Level Output Voltage
InFLT = -1mA
0.4
V
EN/SCL/SDA Input Voltage Thresholds
VIH
High Level Input Voltage
2.2
V
VIL
Low Level Input Voltage
0.8
V
VHYST
Input Hysteresis
200
mV
IIN-EN
Input Leakage
VEN=VIN
0.1
µA
VEN=0V
-2.0
µA
IIN-SCL
Input Leakage
VSCL=VIN
55
µA
VSCL=0V
-0.1
µA
IIN-SDA
Input Leakage
VSDA=VIN
0.1
µA
VSDA=0V
-0.1
µA
VOL-SDA
Low-Level Output Voltage
ISDA = -1mA
0.4
V
Thermal Shutdown
TSD
Thermal Shutdown Junction Temperature
150
170
°C
TSDHYST
TSD Hysteresis
10
°C
Pre-Charge End
VPreChg
Pre-Charge Voltage Threshold
2.9
3.0
3.1
V
VPCHYST
Pre-Charge Voltage Hysteresis
70
mV
Charge Restart
VReStart
Voltage below termination for charging restart
100
mV
Charger Characteristics
Electrical Characteristics, TJ = -40C to 125C, VIN = 5.3V (unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com