Electronic Components Datasheet Search
  English  ▼

X  

TS52001 Datasheet(PDF) 1 Page - Semtech Corporation

Part # TS52001
Description  High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS52001 Datasheet(HTML) 1 Page - Semtech Corporation

  TS52001 Datasheet HTML 1Page - Semtech Corporation TS52001 Datasheet HTML 2Page - Semtech Corporation TS52001 Datasheet HTML 3Page - Semtech Corporation TS52001 Datasheet HTML 4Page - Semtech Corporation TS52001 Datasheet HTML 5Page - Semtech Corporation TS52001 Datasheet HTML 6Page - Semtech Corporation TS52001 Datasheet HTML 7Page - Semtech Corporation TS52001 Datasheet HTML 8Page - Semtech Corporation TS52001 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TS52001
High Efficiency Li-Ion Battery Charger
for Photovoltaic Sources
TS52001
www.semtech.com
Page 1 of 22
Final Datasheet
Rev. 1.3
August 29, 2016
Semtech
Features
Temperature-independent PV MPPT-Lite™ regulation
scheme
VBAT reverse current blocking
Programmable temperature-compensated termination
voltage with +/- 1% tolerance
Up to 1.4A of continuous output current in Full Charge
Constant-Current (CC) mode
User programmable charging current
High efficiency – up to 92% at typical load
Current mode PWM control in constant voltage
Supervisor for VBAT reported at the nFLT pin
Input supply under-voltage lockout
Full protection for VBAT over-current, over-temp, over-
voltage, and charging timeout
Charge status indication
I2C program interface with EEPROM registers
Specification
Wide input voltage range: 4.0V to 8.1V
Packaged in a 16pin QFN (4x4)
Product is lead-free, Halogen Free, RoHS / WEEE compliant
Applications
Portable solar chargers
Off-grid systems
Wireless sensor networks
Smoke detectors
Description
The TS52001 is a DC/DC synchronous switching Li-ion Battery
Charger with fully integrated power switches, internal
compensation, and full fault protection. The TS52001 utilizes a
temperature-independent photovoltaic Maximum Power
Point Tracking (MPPT-Lite™) calculator to optimize power
output from the source during Full Charge Constant-Current
(CC) mode. The switching frequency of 1MHz enables the use
of small filter components, resulting in smaller board space
and reduced BOM costs.
In Full Charge Constant-Current mode the duty cycle is
controlled by the MPPT-Lite™ regulator. Once termination
voltage is reached, the regulator operates in voltage mode.
When the regulator is disabled (EN is low), the device draws
10uA quiescent current.
The TS52001 includes supervisory reporting through the nFLT
(Inverted Fault) open drain output to interface other
components in the system. Device programming is achieved
by an I²C interface through SCL and SDA pins.
Typical Application Circuit
GND
EN
VTHERM
SW
nFLT
VBAT
SCL
PGND
COUT
LOUT
RSENSE
RREF
VIN
SDA
VTH_REF
Photovoltaic Cells
VSENSE
Battery
RTHM
RPULLUP
(optional)
VDD
RPULLUP
(optional)
VDD
CIN
VDD
CVdd
TS52001
Figure 1: Photovoltaic Charging Application Circuit


Similar Part No. - TS52001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS52001 ETC2-TS52001 Datasheet
1Mb / 22P
High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
More results

Similar Description - TS52001

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
4A, High Efficiency, Li-Ion Battery Charger
logo
List of Unclassifed Man...
TS52001 ETC2-TS52001 Datasheet
1Mb / 22P
High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
TS52002 ETC2-TS52002 Datasheet
1Mb / 14P
High Efficiency NiMH Battery Charger for Photovoltaic Sources
TS52003 ETC2-TS52003 Datasheet
1Mb / 16P
High Efficiency SuperCap Charger for Photovoltaic Sources
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
High Efficiency Li-Ion Battery Charger
TS55101 ETC2-TS55101 Datasheet
725Kb / 7P
High Efficiency 2A Li-Ion Battery Charger
ZSPM4521 ETC2-ZSPM4521 Datasheet
273Kb / 3P
High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
logo
Linear Technology
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
4A, High Efficiency, Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL6293 RENESAS-ISL6293 Datasheet
429Kb / 8P
Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
ZSPM4521 RENESAS-ZSPM4521 Datasheet
642Kb / 31P
High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com