Electronic Components Datasheet Search
  English  ▼

X  

TS52001 Datasheet(PDF) 9 Page - Semtech Corporation

Part # TS52001
Description  High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS52001 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button TS52001 Datasheet HTML 5Page - Semtech Corporation TS52001 Datasheet HTML 6Page - Semtech Corporation TS52001 Datasheet HTML 7Page - Semtech Corporation TS52001 Datasheet HTML 8Page - Semtech Corporation TS52001 Datasheet HTML 9Page - Semtech Corporation TS52001 Datasheet HTML 10Page - Semtech Corporation TS52001 Datasheet HTML 11Page - Semtech Corporation TS52001 Datasheet HTML 12Page - Semtech Corporation TS52001 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TS52001
www.semtech.com
Page 9 of 22
Final Datasheet
Rev. 1.3
August 29, 2016
Semtech
Fault Handling
nFLT Pin Functionality
In the event of a battery over-voltage, the battery temperature being outside of the safe charging range or the full charge timer
expiring, charging will stop, and the nFLT pin will be pulled low. When the fault condition is no longer present, the device will
enter the INITIALIZE state, but the nFLT pin will remain low until register 0 is read. When the register 0 is read, the nFLT pin will go
high until a new fault is detected.
Other Faults
When an open thermistor, thermal shut down, VIN under-voltage, or top off time-out are detected, charging will immediately stop
and the corresponding bit in register 0 will be set. The device will enter the INITIALIZE state until the fault is no longer detected.
Serial Interface
The TS52001 features an I2C slave interface which offers advanced control and diagnostic features. I2C operation offers
configuration control for termination voltages, charge currents, and charge timeouts. This configurability allows for optimum
charging conditions in a wide range of Li-Ion batteries. I2C operation also offers fault and warning indicators. Whenever a fault is
detected, the associated status bit in the STATUS register is set and the nFLT pin is pulled low. Whenever a warning is detected,
the associated status bit in the STATUS register is set, but the nFLT pin is not pulled low. Reading of the STATUS register resets the
fault and warning status bits, and the nFLT pin is released after all fault status bits have been reset.
I2C Register Address
Figure 4: Sub-address in I2C Transmission
I2C Bus Operation
The TS52001 has a slave I2C interface that supports standard and fast mode data rates, auto-sequencing, and is compliant to I2C
standard version 3.0.
I2C is a two-wire serial interface where the two lines are serial clock (SCL) and serial data (SDA). SDA must be connected to a
positive supply through an external pull-up resistor. The devices communicating on this bus can drive the SDA line low or release
it to high impedance. The device that initiates the I2C transaction becomes the master of the bus. Communication is initiated by
the master sending a Start condition, a high-to-low transition on SDA, while the SCL line is high. After the Start condition, the
device address byte is sent, most significant bit (MSB) first, including the data direction bit (R/nW). After receiving the valid
address byte, the device responds with an acknowledge (ACK). An ACK is a low on SDA during the high of the ACK related clock
pulse. On the I2C bus, during each clock pulse only one data bit is transferred. The data on the SDA line must remain stable during
the high pulse of the clock period, as changes in the data line at this time are interpreted as Start or Stop control commands. A
low-to-high transition on SDA while the SCL input is high, indicates a Stop condition and is sent by the master (See Figure 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com