Electronic Components Datasheet Search
  English  ▼

X  

TS52001 Datasheet(PDF) 10 Page - Semtech Corporation

Part # TS52001
Description  High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS52001 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button TS52001 Datasheet HTML 6Page - Semtech Corporation TS52001 Datasheet HTML 7Page - Semtech Corporation TS52001 Datasheet HTML 8Page - Semtech Corporation TS52001 Datasheet HTML 9Page - Semtech Corporation TS52001 Datasheet HTML 10Page - Semtech Corporation TS52001 Datasheet HTML 11Page - Semtech Corporation TS52001 Datasheet HTML 12Page - Semtech Corporation TS52001 Datasheet HTML 13Page - Semtech Corporation TS52001 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TS52001
www.semtech.com
Page 10 of 22
Final Datasheet
Rev. 1.3
August 29, 2016
Semtech
Any number of data bytes can be transferred from the transmitter to receiver between the Start and the Stop conditions. Each
byte of eight bits is followed by one ACK bit. The SDA line must be released by the transmitter before the receiver can send an
ACK bit. The receiver that acknowledges must pull down the SDA line during the ACK clock pulse, so that the SDA line is stable
low during the high pulse of the ACK-related clock period. When a slave receiver is addressed, it must generate an ACK after each
byte is received. Similarly, the master must generate an ACK after each byte that it receives from the slave transmitter. To ensure
proper operation, setup and hold times must be met. An end of data is signaled by the master receiver to the slave transmitter by
not generating an acknowledge after the last byte has been clocked out of the slave. This is done by the master receiver by
holding the SDA line high. The transmitter must then release the data line to enable the master to generate a Stop condition.
Figure 5: I2C Start / Stop Protocol
Figure 6: I2C Data Transmission Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com