Electronic Components Datasheet Search
  English  ▼

X  

TS52001 Datasheet(PDF) 8 Page - Semtech Corporation

Part # TS52001
Description  High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS52001 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button TS52001 Datasheet HTML 4Page - Semtech Corporation TS52001 Datasheet HTML 5Page - Semtech Corporation TS52001 Datasheet HTML 6Page - Semtech Corporation TS52001 Datasheet HTML 7Page - Semtech Corporation TS52001 Datasheet HTML 8Page - Semtech Corporation TS52001 Datasheet HTML 9Page - Semtech Corporation TS52001 Datasheet HTML 10Page - Semtech Corporation TS52001 Datasheet HTML 11Page - Semtech Corporation TS52001 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TS52001
www.semtech.com
Page 8 of 22
Final Datasheet
Rev. 1.3
August 29, 2016
Semtech
Functional Description
The TS52001 is a fully-integrated Li-Ion battery charger IC based on a highly-efficient switching topology. It includes a Maximum
Power Point Tracking (MPPT) function to optimize its input voltage to extract the maximum possible power from a photovoltaic
cell. It includes configurability for termination voltage, charge current and a host of other variables to allow optimum charging
conditions for a wide range of Li-Ion batteries. A 1 MHz internal switching frequency facilitates low-cost LC filter combinations.
When the battery voltage is below 3.0 volts, the device will enter a pre-charge state and apply a small, programmable charge
current to safely charge the battery to a level for which full charge current can be applied. Once the full charge mode has been
initiated, the device will maximize available charge current to the battery by adjusting its duty cycle to regulate its input voltage
to the Maximum Power Point (MPP) voltage of the photovoltaic cell. If sufficient current is available from the PV cell to exceed the
safe 1C charge rate of the battery, then the programmable 1C current limit function will take precedence over the MPP control
function and the PV cell voltage will rise above the MPP value.
When the battery voltage has increased enough to go into maintenance mode, the PWM control loop will force a constant
voltage across the battery. Once in constant voltage mode, current is monitored to determine when the battery is fully charged.
This regulation voltage as well as the 1C charging current can be set to change based on battery temperature. There are 4
temperature ranges where these can be set independently, 0-10°C, 10-45°C, 45-50°C and 50-60°C. The 0°C and 60°C thresholds will
stop charging and have 10 degrees of hysteresis. The intermediate points have 1 degree of hysteresis.
Internal Protection Details
Internal Current Limit
The current through the inductor is sensed on a cycle by cycle basis and if current limit is reached, it will abbreviate the cycle.
Current limit is always active when the regulator is enabled.
Thermal Shutdown
If the temperature of the die exceeds 170°C (typical), the SW outputs will tri-state to protect the device from damage. The nFLT
and all other protection circuitry will stay active to inform the system of the failure mode. Once the device cools to 160°C (typical),
the device will attempt to start up again. If the device reaches 170°C, the shutdown/restart sequence will repeat.
VIN Under-Voltage Lockout
The device is held in the off state until VIN reaches 3.15V. There is a 200mV hysteresis on this input, which requires the input to fall
below 2.95V before the device will disable.
Battery Over-Voltage Protection
The TS52001 has a battery protection circuit designed to shutdown the charging profile if the battery voltage is greater than the
termination voltage. The termination voltage can change based on user programming, so the protection threshold is set to 2%
above the termination voltage. Shutting down the charging profile puts the TS52001 in a fault condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com