Electronic Components Datasheet Search
  English  ▼

X  

TS52001 Datasheet(PDF) 6 Page - Semtech Corporation

Part # TS52001
Description  High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS52001 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button TS52001 Datasheet HTML 2Page - Semtech Corporation TS52001 Datasheet HTML 3Page - Semtech Corporation TS52001 Datasheet HTML 4Page - Semtech Corporation TS52001 Datasheet HTML 5Page - Semtech Corporation TS52001 Datasheet HTML 6Page - Semtech Corporation TS52001 Datasheet HTML 7Page - Semtech Corporation TS52001 Datasheet HTML 8Page - Semtech Corporation TS52001 Datasheet HTML 9Page - Semtech Corporation TS52001 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TS52001
www.semtech.com
Page 6 of 22
Final Datasheet
Rev. 1.3
August 29, 2016
Semtech
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Charging Regulator: L=4.7uH and C=4.7uF
IBAT-FC
Output Current Limit in Full-Charge Mode
IBAT = 1.4A
IBAT - 10%
IBAT
IBAT +
10%
A
VBAT-TO
Termination Voltage in Top-Off Mode
IBAT = 0.1C, 0C < Tj < 85C
VBAT - 1%
VBAT
VBAT +
1%
V
tTO
Top-Off Mode Time Out
0
120
min
tFC
Full-Charge Timer
200
1400
min
tacc
Timer Accuracy
-10%
+10%
RDSON
High Side Switch On Resistance
ISW = -1A, TJ=25C
200
m
Ω
Low Side Switch On Resistance
ISW = 1A, TJ=25C
250
m
Ω
IBAT
Max Output Current
1.4
A
IOCD
Over-Current Detect
HS switch current
2.5
A
VBAT-OV
VBAT Over-Voltage Threshold
101% VBAT
102%
VBAT
103%
VBAT
DUTYMAX
Max Duty Cycle
98
%
I2C Interface Timing Requirements
Electrical Characteristics, TJ = -40C to 125C, VIN = 5.3V (unless otherwise noted)
Symbol
Parameter
Standard Mode
Fast Mode(1)
Unit
Min
Max
Min
Max
fscl
I2C clock frequency
0
100
0
400
kHz
tsch
I2C clock high time
4
0.6
µs
tscl
I2C clock low time
4.7
1.3
µs
tsp(2)
I2C tolerable spike time
0
50
0
50
ns
tsds
I2C serial data setup time
250
250
ns
tsdh
I2C serial data hold time
0
0
µs
ticr(2)
I2C input rise time
1000
300
ns
ticf(2)
I2C input fall time
300
300
ns
tocf(2)
I2C output fall time; 10 pF to 400 pF bus
300
300
ns
tbuf
I2C bus free time between Stop and Start
4.7
1.3
µs
tsts
I2C Start or repeated Start condition setup time
4.7
0.6
µs
tsth
I2C Start or repeated Start condition hold time
4
0.6
µs
tsps(2)
I2C Stop condition setup time
4
0.6
µs
Notes:
The I²C interface will operate in either standard or fast mode.
(1):
Parameters not tested in production.
(2):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com