Electronic Components Datasheet Search
  English  ▼

X  

TS52001 Datasheet(PDF) 7 Page - Semtech Corporation

Part # TS52001
Description  High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS52001 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button TS52001 Datasheet HTML 3Page - Semtech Corporation TS52001 Datasheet HTML 4Page - Semtech Corporation TS52001 Datasheet HTML 5Page - Semtech Corporation TS52001 Datasheet HTML 6Page - Semtech Corporation TS52001 Datasheet HTML 7Page - Semtech Corporation TS52001 Datasheet HTML 8Page - Semtech Corporation TS52001 Datasheet HTML 9Page - Semtech Corporation TS52001 Datasheet HTML 10Page - Semtech Corporation TS52001 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TS52001
www.semtech.com
Page 7 of 22
Final Datasheet
Rev. 1.3
August 29, 2016
Semtech
Thermistor Characteristics
Electrical Characteristics, TJ = -40C to 125C, VIN = 5.3V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VVTH_REF
VTH_REF output voltage
IVT_REF= 2uA-100uA
1.22
V
10KΩ Temperature Thresholds – β=3434K
0
°C
0
°C Vtherm Threshold (0°C)
Decreasing Temperature
75.6
%VTH_REF
0
°C
HYST
0
°C Vtherm Threshold with Hysteresis
(10
°C)
Increasing Temperature
66.5
%VTH_REF
10
°C
10
°C Vtherm Threshold (10°C)
Decreasing Temperature
66.2
%VTH_REF
10
°C
HYST
10
°C Vtherm Threshold with Hysteresis
(11
°C)
Increasing Temperature
65.4
%VTH_REF
45
°C
45
°C Vtherm Threshold (45°C)
Increasing Temperature
34.5
%VTH_REF
45
°C
HYST
45
°C Vtherm Threshold with Hysteresis
(44
°C)
Decreasing Temperature
35.3
%VTH_REF
50
°C
50
°C Vtherm Threshold (50°C)
Increasing Temperature
30.8
%VTH_REF
50
°C
HYST
50
°C Vtherm Threshold with Hysteresis
(49
°C)
Decreasing Temperature
31.5
%VTH_REF
60
°C
60
°C Vtherm Threshold (60°C)
Increasing Temperature
24.9
%VTH_REF
60
°C
HYST
60
°C Vtherm Threshold with Hysteresis
(50
°C)
Decreasing Temperature
30.8
%VTH_REF
100KΩ Temperature Thresholds – β=4311K
0
°C
0
°C Vtherm Threshold (0°C)
Decreasing Temperature
80.5
%VTH_REF
0
°C
HYST
0
°C Vtherm Threshold with Hysteresis
(10
°C)
Increasing Temperature
69.8
%VTH_REF
10
°C
10
°C Vtherm Threshold (10°C)
Decreasing Temperature
69.8
%VTH_REF
10
°C
HYST
10
°C Vtherm Threshold with Hysteresis
(11
°C)
Increasing Temperature
68.6
%VTH_REF
45
°C
45
°C Vtherm Threshold (45°C)
Increasing Temperature
31.3
%VTH_REF
45
°C
HYST
45
°C Vtherm Threshold with Hysteresis
(44
°C)
Decreasing Temperature
32.3
%VTH_REF
50
°C
50
°C Vtherm Threshold (50°C)
Increasing Temperature
27.0
%VTH_REF
50
°C
HYST
50
°C Vtherm Threshold with Hysteresis
(49
°C)
Decreasing Temperature
27.8
%VTH_REF
60
°C
60
°C Vtherm Threshold (60°C)
Increasing Temperature
19.4
%VTH_REF
60
°C
HYST
60
°C Vtherm Threshold with Hysteresis
(50
°C)
Decreasing Temperature
27.0
%VTH_REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com