Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 33 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 29Page - Texas Instruments TDA4VM Datasheet HTML 30Page - Texas Instruments TDA4VM Datasheet HTML 31Page - Texas Instruments TDA4VM Datasheet HTML 32Page - Texas Instruments TDA4VM Datasheet HTML 33Page - Texas Instruments TDA4VM Datasheet HTML 34Page - Texas Instruments TDA4VM Datasheet HTML 35Page - Texas Instruments TDA4VM Datasheet HTML 36Page - Texas Instruments TDA4VM Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
AH28
prg0_pru0_gpo16
PRG0_PRU0_GPO16
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1
Yes
LVCMOS
PU/PD
0
0/1
PRG0_PRU0_GPI16
1
I
0
PRG0_RGMII1_TXC
2
IO
0
PRG0_PWM0_A2
3
IO
0
RGMII3_TXC
4
O
0
GPIO0_59
7
IO
0
DSS_FSYNC1
10
O
MCASP0_AXR12
12
IO
AB24
prg0_pru0_gpo17
PRG0_PRU0_GPO17
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1
Yes
LVCMOS
PU/PD
0
1/1
PRG0_PRU0_GPI17
1
I
0
PRG0_IEP0_EDC_SYNC_OUT1
2
O
PRG0_PWM0_B2
3
IO
1
PRG0_ECAP0_SYNC_OUT
4
O
GPIO0_60
7
IO
0
GPMC0_AD5
8
IO
0
OBSCLK1
9
O
0
MCASP0_AXR13
12
IO
BOOTMODE7
Bootstrap
I
AB29
prg0_pru0_gpo18
PRG0_PRU0_GPO18
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1
Yes
LVCMOS
PU/PD
0
0/1
PRG0_PRU0_GPI18
1
I
0
PRG0_IEP0_EDC_LATCH_IN0
2
I
0
PRG0_PWM0_TZ_IN
3
I
0
PRG0_ECAP0_IN_APWM_OUT
4
IO
0
GPIO0_61
7
IO
0
GPMC0_AD6
8
IO
0
MCASP0_AXR14
12
IO
AB28
prg0_pru0_gpo19
PRG0_PRU0_GPO19
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1
Yes
LVCMOS
PU/PD
0
0/1
PRG0_PRU0_GPI19
1
I
0
PRG0_IEP0_EDC_SYNC_OUT0
2
O
PRG0_PWM0_TZ_OUT
3
O
GPIO0_62
7
IO
0
GPMC0_AD7
8
IO
0
MCASP0_AXR15
12
IO
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com