Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 14 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 10Page - Texas Instruments TDA4VM Datasheet HTML 11Page - Texas Instruments TDA4VM Datasheet HTML 12Page - Texas Instruments TDA4VM Datasheet HTML 13Page - Texas Instruments TDA4VM Datasheet HTML 14Page - Texas Instruments TDA4VM Datasheet HTML 15Page - Texas Instruments TDA4VM Datasheet HTML 16Page - Texas Instruments TDA4VM Datasheet HTML 17Page - Texas Instruments TDA4VM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
C19
CSI0_RXP1
CSI0_RXP1
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
C18
CSI0_RXP2
CSI0_RXP2
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
E17
CSI0_RXP3
CSI0_RXP3
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
B16
CSI1_RXN0
CSI1_RXN0
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
D15
CSI1_RXN1
CSI1_RXN1
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
D14
CSI1_RXN2
CSI1_RXN2
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
E13
CSI1_RXN3
CSI1_RXN3
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
A17
CSI1_RXP0
CSI1_RXP0
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
C16
CSI1_RXP1
CSI1_RXP1
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
C15
CSI1_RXP2
CSI1_RXP2
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
E14
CSI1_RXP3
CSI1_RXP3
I
OFF
1.8 V
VDDA_0P8_CS
IRX /
VDDA_1P8_CS
IRX
D-PHY
J1
ddr0_ckn
DDR0_CKN
IO
OFF
1.1 V
VDDS_DDR
DDR0
H1
ddr0_ckp
DDR0_CKP
IO
OFF
1.1 V
VDDS_DDR
DDR0
K6
ddr0_resetn
DDR0_RESETn
IO
OFF
1.1 V
VDDS_DDR
DDR0
G4
ddr0_ca0
DDR0_CA0
IO
OFF
1.1 V
VDDS_DDR
DDR0
H3
ddr0_ca1
DDR0_CA1
IO
OFF
1.1 V
VDDS_DDR
DDR0
K5
ddr0_ca2
DDR0_CA2
IO
OFF
1.1 V
VDDS_DDR
DDR0
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com