Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 94 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 90Page - Texas Instruments TDA4VM Datasheet HTML 91Page - Texas Instruments TDA4VM Datasheet HTML 92Page - Texas Instruments TDA4VM Datasheet HTML 93Page - Texas Instruments TDA4VM Datasheet HTML 94Page - Texas Instruments TDA4VM Datasheet HTML 95Page - Texas Instruments TDA4VM Datasheet HTML 96Page - Texas Instruments TDA4VM Datasheet HTML 97Page - Texas Instruments TDA4VM Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 331 page
background image
Table 5-47. MCSPI1 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_SPI1_CS2
SPI Chip Select 2
O
D23, J27
MCU_SPI1_CS3
SPI Chip Select 3
IO
G24
MCU_SPI1_D0
SPI Data 0
IO
F25
MCU_SPI1_D1
SPI Data 1
IO
F28
5.3.8 UART
5.3.8.1 MAIN Domain
Table 5-48. UART0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART0_CTSn
UART Clear to Send (active low)
I
AC2, Y3
UART0_DCDn
UART Data Carrier Detect (active low)
I
P23
UART0_DSRn
UART Data Set Ready (active low)
I
R28
UART0_DTRn
UART Data Terminal Ready (active low)
O
T27
UART0_RIn
UART Ring Indicator
I
T24
UART0_RTSn
UART Request to Send (active low)
O
AA2, AB1
UART0_RXD
UART Receive Data
I
AB2, AC23
UART0_TXD
UART Transmit Data
O
AB3, AG22
Table 5-49. UART1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART1_CTSn
UART Clear to Send (active low)
I
AA1, AC4
UART1_RTSn
UART Request to Send (active low)
O
AB5, AD5
UART1_RXD
UART Receive Data
I
AA4, AF22
UART1_TXD
UART Transmit Data
O
AB4, AJ23
Table 5-50. UART2 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART2_CTSn
UART Clear to Send (active low)
I
AE25
UART2_RTSn
UART Request to Send (active low)
O
AF29
UART2_RXD
UART Receive Data
I
AA26, AH23, Y1
UART2_TXD
UART Transmit Data
O
AA24, AD22, Y5
Table 5-51. UART3 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART3_CTSn
UART Clear to Send (active low)
I
AD19, U27
UART3_RTSn
UART Request to Send (active low)
O
AD18, U24
UART3_RXD
UART Receive Data
I
AE27, T26, V28, Y23
UART3_TXD
UART Transmit Data
O
AC21, AD26, T25,
V29
Table 5-52. UART4 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART4_CTSn
UART Clear to Send (active low)
I
AE29, Y29
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
94
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com