Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 73 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 69Page - Texas Instruments TDA4VM Datasheet HTML 70Page - Texas Instruments TDA4VM Datasheet HTML 71Page - Texas Instruments TDA4VM Datasheet HTML 72Page - Texas Instruments TDA4VM Datasheet HTML 73Page - Texas Instruments TDA4VM Datasheet HTML 74Page - Texas Instruments TDA4VM Datasheet HTML 75Page - Texas Instruments TDA4VM Datasheet HTML 76Page - Texas Instruments TDA4VM Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
A10, A13, A16,
A19, A22, A7,
AA11, AA14,
AA16, AA18, AA7,
AA9, AB17, AB19,
AB20, AB22,
AB8, AC16, AF11,
AF14, AF17, AF8,
AG10, AG13,
AG16, AG19,
AH11, AH14,
AH17, AH8, AJ10,
AJ13, AJ16, AJ19,
B12, B15, B18,
B21, B9, C11, C14,
C17, C20, C8,
D10, D13, D16,
D19, D7, E12,
E15, E9, F14, F8,
G11, G13, G15,
G17, H10, H12,
H14, H16, H18,
H20, H8, J11, J13,
J15, J17, J21, J23,
J7, J9, K10, K12,
K14, K16, K18,
K20, K22, K8, L13,
L15, L17, L19,
L21, L23, L7, L9,
M10, M14, M16,
M18, M20, M8,
N15, N17, N19,
N21, N7, P10,
P12, P14, P16,
P18, P20, P8,
R13, R15, R17,
R19, R7, R9, T10,
T14, T16, T18,
T21, T8, U15, U17,
U19, U21, U9,
V10, V12, V14,
V18, V8, W11,
W13, W16, W20,
W9, Y10, Y12,
Y15, Y17, Y19,
Y21, Y8
VSS
VSS
GND
F26
wkup_gpio0_0
MCU_SPI1_CLK
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
0
1/1
MCU_SPI1_CLK
1
IO
0
WKUP_GPIO0_0
7
IO
0
MCU_BOOTMODE03
Bootstrap
I
F25
wkup_gpio0_1
MCU_SPI1_D0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
0
1/1
MCU_SPI1_D0
1
IO
0
WKUP_GPIO0_1
7
IO
0
MCU_BOOTMODE04
Bootstrap
I
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com