Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 71 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 67Page - Texas Instruments TDA4VM Datasheet HTML 68Page - Texas Instruments TDA4VM Datasheet HTML 69Page - Texas Instruments TDA4VM Datasheet HTML 70Page - Texas Instruments TDA4VM Datasheet HTML 71Page - Texas Instruments TDA4VM Datasheet HTML 72Page - Texas Instruments TDA4VM Datasheet HTML 73Page - Texas Instruments TDA4VM Datasheet HTML 74Page - Texas Instruments TDA4VM Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
P9
VDDA_PLLGRP5
VDDA_PLLGRP5
PWR
W18
VDDA_PLLGRP6
VDDA_PLLGRP6
PWR
W8
VDDA_0P8_PLL_MLB
VDDA_0P8_PLL_MLB
PWR
P22
vdda_por_wkup
vdda_por_wkup
PWR
W15
VDDA_TEMP0_1
VDDA_TEMP0_1
PWR
H9
VDDA_TEMP2_3
VDDA_TEMP2_3
PWR
M26
VMON_ER_VSYS
VMON_ER_VSYS
A
V19
VMON_IR_VEXT
VMON_IR_VEXT
A
H22
VDDA_WKUP
VDDA_WKUP
PWR
U8, V7
VDDSHV0
VDDSHV0
PWR
L22, M22
VDDSHV0_MCU
VDDSHV0_MCU
PWR
AA19, AA20,
AC19, AC20
VDDSHV1
VDDSHV1
PWR
H19, H21, J20
VDDSHV1_MCU
VDDSHV1_MCU
PWR
AA17, AB16,
AB18, AC17
VDDSHV2
VDDSHV2
PWR
J22, K21
VDDSHV2_MCU
VDDSHV2_MCU
PWR
V21, W22
VDDSHV3
VDDSHV3
PWR
AA21, Y22
VDDSHV4
VDDSHV4
PWR
T20, T22
VDDSHV5
VDDSHV5
PWR
U20, U22
VDDSHV6
VDDSHV6
PWR
A1, G8, J8, K7, L8,
M7, N8, P7, R8,
T1
vdds_ddr
vdds_ddr
PWR
H7, J6, R6, T7
vdds_ddr_bias
vdds_ddr_bias
PWR
M9
VDDS_DDR_C
VDDS_DDR_C
PWR
AA8, AB7, Y7
vdds_mmc0
vdds_mmc0
PWR
R21
VDDS_OSC1
VDDS_OSC1
PWR
J10, K11, K13,
K15, K17, K9, L10,
L16, L18, M15,
N14, N16, N18,
P13, P15, P17,
R14, R16, R18,
R20, T15, T17, T9,
U14, U16, U18,
V15, V17, V20,
W14
VDD_CORE
VDD_CORE
PWR
N10, P11, R10,
R12, U10, V11, V9,
W10
VDD_CPU
VDD_CPU
PWR
Y9
VDDA_0P8_DLL_MMC0
VDDA_0P8_DLL_MMC0
PWR
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com