Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 1 Page - Texas Instruments

  TDA4VM Datasheet HTML 1Page - Texas Instruments TDA4VM Datasheet HTML 2Page - Texas Instruments TDA4VM Datasheet HTML 3Page - Texas Instruments TDA4VM Datasheet HTML 4Page - Texas Instruments TDA4VM Datasheet HTML 5Page - Texas Instruments TDA4VM Datasheet HTML 6Page - Texas Instruments TDA4VM Datasheet HTML 7Page - Texas Instruments TDA4VM Datasheet HTML 8Page - Texas Instruments TDA4VM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 331 page
background image
TDA4VM Processors
1 Features
Processor cores:
• C7x floating point, vector DSP, up to 1.0GHz, 80
GFLOPS, 256 GOPS
• Deep-learning matrix multiply accelerator (MMA),
up to 8 TOPS (8b) at 1.0GHz
• Vision Processing Accelerators (VPAC) with Image
Signal Processor (ISP) and multiple vision assist
accelerators
• Depth and Motion Processing Accelerators
(DMPAC)
• Dual 64-bit Arm® Cortex®-A72 microprocessor
subsystem at up to 2.0GHz
– 1MB shared L2 cache per dual-core Cortex®-
A72 cluster
– 32KB L1 DCache and 48KB L1 ICache per
Cortex®-A72 core
• Six Arm® Cortex®-R5F MCUs at up to 1.0GHz
– 16K I-Cache, 16K D-Cache, 64K L2 TCM
– Two Arm® Cortex®-R5F MCUs in isolated MCU
subsystem
– Four Arm® Cortex®-R5F MCUs in general
compute partition
• Two C66x floating point DSP, up to 1.35GHz,
40GFLOPS, 160GOPS
• 3D GPU PowerVR® Rogue 8XE GE8430, up to
750MHz, 96GFLOPS, 6Gpix/sec
• Custom-designed interconnect fabric supporting
near max processing entitlement
Memory subsystem:
• Up to 8MB of on-chip L3 RAM with ECC and
coherency
– ECC error protection
– Shared coherent cache
– Supports internal DMA engine
• External Memory Interface (EMIF) module with
ECC
– Supports LPDDR4 memory types
– Supports speeds up to 4266MT/s
– 32-bit data bus with inline ECC
• General-Purpose Memory Controller (GPMC)
• 512KB on-chip SRAM in MAIN domain, protected
by ECC
Functional Safety:
• Functional Safety-Compliant targeted (on select
part numbers)
– Developed for functional safety applications
– Documentation will be available to aid ISO
26262/IEC 61508 functional safety system
design up to ASIL-D/SIL-3 targeted
– Systematic capability up to ASIL-D/SC-3
targeted
– Hardware integrity up to ASIL-D/SIL-3 targeted
for MCU Domain
– Hardware integrity up to ASIL-B/SIL-2 targeted
for Main Domain
– Safety-related certifications
• ISO 26262 certification up to ASIL-D by TÜV
SÜD planned
• IEC 61508 certification up to SIL-3 by TÜV
SÜD planned
• AEC-Q100 qualified on part number variants
ending in Q1
Device security (on select part numbers):
• Secure boot with secure run-time support
• Customer programmable root key, up to RSA-4K
or ECC-512
• Embedded hardware security module
• Crypto hardware accelerators – PKA with ECC,
AES, SHA, RNG, DES and 3DES
High speed serial interfaces:
• Integrated Ethernet switch supporting up to 8
external ports
– All ports support 2.5Gb SGMII
– All ports support 1Gb SGMII/RGMII
– All ports support 100Mb RMII
– Any two ports support QSGMII (using 4 internal
ports per QSGMII)
• Up to four PCI-Express® (PCIe) Gen3 controllers
– Up to two lanes per controller
– Gen1 (2.5GT/s), Gen2 (5.0GT/s), and Gen3
(8.0GT/s) operation with auto-negotiation
• Two USB 3.0 dual-role device (DRD) subsystem
– Two enhanced SuperSpeed Gen1 Ports
– Each port supports Type-C switching
– Each port independently configurable as USB
host, USB peripheral, or USB DRD
Automotive interfaces:
• Sixteen Modular Controller Area Network (MCAN)
modules with full CAN-FD support
• Two CSI2.0 4L RX plus One CSI2.0 4L TX
– 2.5Gbps RX throughput per lane (20Gbps total)
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TDA4VM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA4VM TI1-TDA4VM Datasheet
3Mb / 311P
TDA4VM Jacinto??Automotive Processors for ADAS and Autonomous Vehicles Silicon Revision 1.0
TDA4VM TI1-TDA4VM Datasheet
6Mb / 323P
TDA4VM Jacinto??Processors for ADAS and Autonomous Vehicles Silicon Revisions 1.0 and 1.1
TDA4VM TI1-TDA4VM Datasheet
5Mb / 331P
TDA4VM Processors
APRIL 2024
TDA4VM-Q1 TI1-TDA4VM-Q1 Datasheet
6Mb / 323P
TDA4VM Jacinto??Processors for ADAS and Autonomous Vehicles Silicon Revisions 1.0 and 1.1
TDA4VM-Q1 TI1-TDA4VM-Q1 Datasheet
5Mb / 331P
TDA4VM Processors
APRIL 2024
More results

Similar Description - TDA4VM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX1300 PHILIPS-PNX1300 Datasheet
5Mb / 548P
Media Processors
2002 Feb 15
logo
Micronas
TPU3035 MICRONAS-TPU3035 Datasheet
1Mb / 73P
Teletext Processors
logo
Analog Devices
ADSP-21369KSWZ-2A AD-ADSP-21369KSWZ-2A Datasheet
1Mb / 60P
SHARC Processors
Rev. E
logo
Freescale Semiconductor...
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
Communications Processors
logo
Texas Instruments
OMAP3530 TI1-OMAP3530_14 Datasheet
2Mb / 266P
Applications Processors
logo
Freescale Semiconductor...
P1010NXN5HFA FREESCALE-P1010NXN5HFA Datasheet
209Kb / 2P
Communications Processors
logo
Texas Instruments
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
Sitara Processors
TDA4VM TI1-TDA4VM Datasheet
3Mb / 311P
TDA4VM Jacinto??Automotive Processors for ADAS and Autonomous Vehicles Silicon Revision 1.0
TDA4VM-Q1 TI1-TDA4VM-Q1 Datasheet
6Mb / 323P
TDA4VM Jacinto??Processors for ADAS and Autonomous Vehicles Silicon Revisions 1.0 and 1.1
logo
Maxim Integrated Produc...
71M6545 MAXIM-71M6545_V01 Datasheet
2Mb / 133P
Metrology Processors
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com