Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 15 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 11Page - Texas Instruments TDA4VM Datasheet HTML 12Page - Texas Instruments TDA4VM Datasheet HTML 13Page - Texas Instruments TDA4VM Datasheet HTML 14Page - Texas Instruments TDA4VM Datasheet HTML 15Page - Texas Instruments TDA4VM Datasheet HTML 16Page - Texas Instruments TDA4VM Datasheet HTML 17Page - Texas Instruments TDA4VM Datasheet HTML 18Page - Texas Instruments TDA4VM Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
J4
ddr0_ca3
DDR0_CA3
IO
OFF
1.1 V
VDDS_DDR
DDR0
K2
ddr0_ca4
DDR0_CA4
IO
OFF
1.1 V
VDDS_DDR
DDR0
H5
ddr0_ca5
DDR0_CA5
IO
OFF
1.1 V
VDDS_DDR
DDR0
H2
ddr0_cal0
DDR0_CAL0
A
OFF
1.1 V
VDDS_DDR
DDR0
G3
ddr0_cke0
DDR0_CKE0
IO
OFF
1.1 V
VDDS_DDR
DDR0
J3
ddr0_cke1
DDR0_CKE1
IO
OFF
1.1 V
VDDS_DDR
DDR0
J5
ddr0_csn0_0
DDR0_CSn0_0
IO
OFF
1.1 V
VDDS_DDR
DDR0
K3
ddr0_csn0_1
DDR0_CSn0_1
IO
OFF
1.1 V
VDDS_DDR
DDR0
G5
ddr0_csn1_0
DDR0_CSn1_0
IO
OFF
1.1 V
VDDS_DDR
DDR0
J2
ddr0_csn1_1
DDR0_CSn1_1
IO
OFF
1.1 V
VDDS_DDR
DDR0
A3
ddr0_dm0
DDR0_DM0
IO
OFF
1.1 V
VDDS_DDR
DDR0
E4
ddr0_dm1
DDR0_DM1
IO
OFF
1.1 V
VDDS_DDR
DDR0
N1
ddr0_dm2
DDR0_DM2
IO
OFF
1.1 V
VDDS_DDR
DDR0
R5
ddr0_dm3
DDR0_DM3
IO
OFF
1.1 V
VDDS_DDR
DDR0
A5
ddr0_dq0
DDR0_DQ0
IO
OFF
1.1 V
VDDS_DDR
DDR0
A6
ddr0_dq1
DDR0_DQ1
IO
OFF
1.1 V
VDDS_DDR
DDR0
B5
ddr0_dq2
DDR0_DQ2
IO
OFF
1.1 V
VDDS_DDR
DDR0
C2
ddr0_dq3
DDR0_DQ3
IO
OFF
1.1 V
VDDS_DDR
DDR0
B4
ddr0_dq4
DDR0_DQ4
IO
OFF
1.1 V
VDDS_DDR
DDR0
C3
ddr0_dq5
DDR0_DQ5
IO
OFF
1.1 V
VDDS_DDR
DDR0
A2
ddr0_dq6
DDR0_DQ6
IO
OFF
1.1 V
VDDS_DDR
DDR0
A4
ddr0_dq7
DDR0_DQ7
IO
OFF
1.1 V
VDDS_DDR
DDR0
D1
ddr0_dq8
DDR0_DQ8
IO
OFF
1.1 V
VDDS_DDR
DDR0
C4
ddr0_dq9
DDR0_DQ9
IO
OFF
1.1 V
VDDS_DDR
DDR0
F1
ddr0_dq10
DDR0_DQ10
IO
OFF
1.1 V
VDDS_DDR
DDR0
G2
ddr0_dq11
DDR0_DQ11
IO
OFF
1.1 V
VDDS_DDR
DDR0
F2
ddr0_dq12
DDR0_DQ12
IO
OFF
1.1 V
VDDS_DDR
DDR0
F3
ddr0_dq13
DDR0_DQ13
IO
OFF
1.1 V
VDDS_DDR
DDR0
D3
ddr0_dq14
DDR0_DQ14
IO
OFF
1.1 V
VDDS_DDR
DDR0
F5
ddr0_dq15
DDR0_DQ15
IO
OFF
1.1 V
VDDS_DDR
DDR0
L5
ddr0_dq16
DDR0_DQ16
IO
OFF
1.1 V
VDDS_DDR
DDR0
M5
ddr0_dq17
DDR0_DQ17
IO
OFF
1.1 V
VDDS_DDR
DDR0
N5
ddr0_dq18
DDR0_DQ18
IO
OFF
1.1 V
VDDS_DDR
DDR0
L4
ddr0_dq19
DDR0_DQ19
IO
OFF
1.1 V
VDDS_DDR
DDR0
L2
ddr0_dq20
DDR0_DQ20
IO
OFF
1.1 V
VDDS_DDR
DDR0
L1
ddr0_dq21
DDR0_DQ21
IO
OFF
1.1 V
VDDS_DDR
DDR0
N2
ddr0_dq22
DDR0_DQ22
IO
OFF
1.1 V
VDDS_DDR
DDR0
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com