Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 76 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 72Page - Texas Instruments TDA4VM Datasheet HTML 73Page - Texas Instruments TDA4VM Datasheet HTML 74Page - Texas Instruments TDA4VM Datasheet HTML 75Page - Texas Instruments TDA4VM Datasheet HTML 76Page - Texas Instruments TDA4VM Datasheet HTML 77Page - Texas Instruments TDA4VM Datasheet HTML 78Page - Texas Instruments TDA4VM Datasheet HTML 79Page - Texas Instruments TDA4VM Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
J25
wkup_i2c0_scl
WKUP_I2C0_SCL
0
IOD
OFF
0
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
I2C OD FS
1
1/0
WKUP_GPIO0_62
7
IO
0
H24
wkup_i2c0_sda
WKUP_I2C0_SDA
0
IOD
OFF
0
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
I2C OD FS
1
1/0
WKUP_GPIO0_63
7
IO
0
N28
wkup_lfosc0_xi
WKUP_LFOSC0_XI
I
OFF
1.8 V
VDDA_WKUP
LFOSC
N26
wkup_lfosc0_xo
WKUP_LFOSC0_XO
O
OFF
1.8 V
VDDA_WKUP
LFOSC
M29
wkup_osc0_xi
WKUP_OSC0_XI
I
OFF
1.8 V
VDDA_WKUP
HFOSC
M27
wkup_osc0_xo
WKUP_OSC0_XO
O
OFF
1.8 V
VDDA_WKUP
HFOSC
J29
wkup_uart0_rxd
WKUP_UART0_RXD
0
I
OFF
7
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
1
0/1
WKUP_GPIO0_56
7
IO
0
J28
wkup_uart0_txd
WKUP_UART0_TXD
0
O
OFF
7
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
0/1
WKUP_GPIO0_57
7
IO
0
1. The MUXMODE field is not used to select the multiplexed signal function for this pin. For more information, see ADC Integration Details section in
Device Configuration chapter of the device TRM.
The following list describes the table column headers:
1. BALL NUMBER: Ball numbers on the bottom side associated with each signal on the bottom.
2. BALL NAME: Mechanical name from package device (name is taken from muxmode 0).
3. SIGNAL NAME: Names of signals multiplexed on each ball (also notice that the name of the ball is the signal name in muxmode 0).
Note
Table 5-1, Pin Attributes, does not take into account the subsystem multiplexing signals. Subsystem multiplexing signals are described in
Section 5.3, Signal Descriptions.
4. MUXMODE: Multiplexing mode number:
a. MUXMODE 0 is the primary muxmode. The primary muxmode is not necessarily the default muxmode.
Note
The default muxmode is the mode at the release of the reset; also see the BALL RESET REL. MUXMODE column.
b. MUXMODE 1 through 7 are possible muxmodes for alternate functions. On each pin, some muxmodes are effectively used for alternate
functions, while some muxmodes are not used. Only MUXMODE values which correspond to defined functions should be used.
c. MCU_BOOTMODE pins are latched on the rising edge of MCU_PORz_OUT. BOOTMODE pins are latched on the rising edge of PORz_OUT.
d. An empty box means Not Applicable.
5. TYPE: Signal type and direction:
• I = Input
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
76
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com