| Electronic Components Datasheet Search |
|
TDA4VM Datasheet(PDF) 115 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TDA4VM Datasheet(HTML) 115 Page - Texas Instruments |
|
115 / 331 page ![]() Table 5-93. PRU_ICSSG0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG0_PWM2_B0 PRU_ICSSG PWM Output B IO AD25 PRG0_PWM2_B1 PRU_ICSSG PWM Output B IO AB25 PRG0_PWM2_B2 PRU_ICSSG PWM Output B IO AD29 PRG0_PWM3_A0 PRU_ICSSG PWM Output A IO AF28 PRG0_PWM3_A1 PRU_ICSSG PWM Output A IO AE26 PRG0_PWM3_A2 PRU_ICSSG PWM Output A IO AD26 PRG0_PWM3_B0 PRU_ICSSG PWM Output B IO AE28 PRG0_PWM3_B1 PRU_ICSSG PWM Output B IO AC28 PRG0_PWM3_B2 PRU_ICSSG PWM Output B IO AC29 PRG0_RGMII1_RXC PRU_ICSSG RGMII Receive Clock I AE26 PRG0_RGMII1_RX_CTL PRU_ICSSG RGMII Receive Control I AD25 PRG0_RGMII1_TXC PRU_ICSSG RGMII Transmit Clock IO AH28 PRG0_RGMII1_TX_CTL PRU_ICSSG RGMII Transmit Control O AG27 PRG0_RGMII2_RXC PRU_ICSSG RGMII Receive Clock I AC26 PRG0_RGMII2_RX_CTL PRU_ICSSG RGMII Receive Control I AD29 PRG0_RGMII2_TXC PRU_ICSSG RGMII Transmit Clock IO AG29 PRG0_RGMII2_TX_CTL PRU_ICSSG RGMII Transmit Control O AF29 PRG0_RGMII1_RD0 PRU_ICSSG RGMII Receive Data I AF28 PRG0_RGMII1_RD1 PRU_ICSSG RGMII Receive Data I AE28 PRG0_RGMII1_RD2 PRU_ICSSG RGMII Receive Data I AE27 PRG0_RGMII1_RD3 PRU_ICSSG RGMII Receive Data I AD26 PRG0_RGMII1_TD0 PRU_ICSSG RGMII Transmit Data O AJ28 PRG0_RGMII1_TD1 PRU_ICSSG RGMII Transmit Data O AH27 PRG0_RGMII1_TD2 PRU_ICSSG RGMII Transmit Data O AH29 PRG0_RGMII1_TD3 PRU_ICSSG RGMII Transmit Data O AG28 PRG0_RGMII2_RD0 PRU_ICSSG RGMII Receive Data I AE29 PRG0_RGMII2_RD1 PRU_ICSSG RGMII Receive Data I AD28 PRG0_RGMII2_RD2 PRU_ICSSG RGMII Receive Data I AD27 PRG0_RGMII2_RD3 PRU_ICSSG RGMII Receive Data I AC25 PRG0_RGMII2_TD0 PRU_ICSSG RGMII Transmit Data O AG26 PRG0_RGMII2_TD1 PRU_ICSSG RGMII Transmit Data O AF27 PRG0_RGMII2_TD2 PRU_ICSSG RGMII Transmit Data O AF26 PRG0_RGMII2_TD3 PRU_ICSSG RGMII Transmit Data O AE25 PRG0_UART0_CTSn PRU_ICSSG UART Clear to Send (active low) I AB26 PRG0_UART0_RTSn PRU_ICSSG UART Request to Send (active low) O AB25 PRG0_UART0_RXD PRU_ICSSG UART Receive Data I Y24 PRG0_UART0_TXD PRU_ICSSG UART Transmit Data O AA25 Table 5-94. PRU_ICSSG1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG1_ECAP0_IN_APWM_OUT PRU_ICSSG Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput IO AH22 PRG1_ECAP0_SYNC_IN PRU_ICSSG ECAP Sync Input I AJ22 PRG1_ECAP0_SYNC_OUT PRU_ICSSG ECAP Sync Output O AC22 PRG1_IEP0_EDIO_OUTVALID PRU_ICSSG Industrial Ethernet Digital I/O Outvalid O Y4 www.ti.com TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 115 Product Folder Links: TDA4VM-Q1 TDA4VM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |